Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72N60DM6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 72N60DM6
Description  Automotive-grade N-channel 600 V, 37 m typ., 56 A, MDmesh DM6 Power MOSFET in a TO‑247 long leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

72N60DM6 Datasheet(HTML) 1 Page - STMicroelectronics

  72N60DM6 Datasheet HTML 1Page - STMicroelectronics 72N60DM6 Datasheet HTML 2Page - STMicroelectronics 72N60DM6 Datasheet HTML 3Page - STMicroelectronics 72N60DM6 Datasheet HTML 4Page - STMicroelectronics 72N60DM6 Datasheet HTML 5Page - STMicroelectronics 72N60DM6 Datasheet HTML 6Page - STMicroelectronics 72N60DM6 Datasheet HTML 7Page - STMicroelectronics 72N60DM6 Datasheet HTML 8Page - STMicroelectronics 72N60DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TO-247 long leads
D(2, TAB)
G(1)
S(3)
AM01476v1_tab
Features
Order code
VDS
RDS(on) max.
ID
STWA72N60DM6AG
600 V
42 mΩ
56 A
•
AEC-Q101 qualified
•
Fast-recovery body diode
•
Lower RDS(on) per area vs previous generation
•
Low gate charge, input capacitance and resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
Applications
•
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh DM6 fast-
recovery diode series. Compared with the previous MDmesh fast generation,
DM6 combines very low recovery charge (Qrr), recovery time (trr) and excellent
improvement in RDS(on) per area with one of the most effective switching behaviors
available in the market for the most demanding high-efficiency bridge topologies and
ZVS phase-shift converters.
Product status link
STWA72N60DM6AG
Product summary
Order code
STWA72N60DM6AG
Marking
72N60DM6
Package
TO-247 long leads
Packing
Tube
Automotive-grade N-channel 600 V, 37 mΩ typ., 56 A, MDmesh DM6
Power MOSFET in a TO
‑247 long leads package
STWA72N60DM6AG
Datasheet
DS13286 - Rev 2 - May 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - 72N60DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
72N60DM2 STMICROELECTRONICS-72N60DM2 Datasheet
728Kb / 12P
Extremely high dv/dt ruggedness
09-Dec-2015
More results

Similar Description - 72N60DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA30N65DM6AG STMICROELECTRONICS-STWA30N65DM6AG Datasheet
474Kb / 12P
Automotive-grade N-channel 650 V, 90 mΩ typ., 28 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
21-Jan-2020
STWA70N65DM6 STMICROELECTRONICS-STWA70N65DM6 Datasheet
949Kb / 12P
N-channel 650 V, 36 mΩ typ., 68 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
02-Jul-2020
STW72N60DM6AG STMICROELECTRONICS-STW72N60DM6AG Datasheet
282Kb / 12P
Automotive-grade N-channel 600 V, 37 m typ., 56 A, MDmesh DM6 Power MOSFET in a TO‑247 package
STWA32N65DM6AG STMICROELECTRONICS-STWA32N65DM6AG Datasheet
255Kb / 12P
Automotive-grade N-channel 650 V, 83 m typ., 37 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
10-Aug-2021
STWA38N65DM6AG STMICROELECTRONICS-STWA38N65DM6AG Datasheet
259Kb / 12P
Automotive-grade N-channel 650 V, 68 m typ., 42 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
16-Jul-2021
STWA46N65DM6AG STMICROELECTRONICS-STWA46N65DM6AG Datasheet
260Kb / 12P
Automotive-grade N-channel 650 V, 55 mΩ typ., 50 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
04-Aug-2021
STWA68N65DM6AG STMICROELECTRONICS-STWA68N65DM6AG Datasheet
275Kb / 12P
Automotive-grade N-channel 650 V, 33 m typ., 72 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
27-Jul-2020
STWA67N60DM6 STMICROELECTRONICS-STWA67N60DM6 Datasheet
274Kb / 12P
N-channel 600 V, 45 m typ., 58 A MDmesh DM6 Power MOSFET in a TO‑247 long leads package
04-Jun-2021
STWA68N65DM6 STMICROELECTRONICS-STWA68N65DM6 Datasheet
258Kb / 12P
N-channel 650 V, 51 m typ., 55 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
19-May-2021
STWA75N65DM6 STMICROELECTRONICS-STWA75N65DM6 Datasheet
253Kb / 12P
N-channel 650 V, 33 m typ., 75 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
24-Sep-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com