Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4080D Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPX4080D
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4080D Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPX4080D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX4080D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX4080D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX4080D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX4080D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX4080D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX4080D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX4080D Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPX4080D
Sensors
4
Freescale Semiconductor
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
The two sides of the pressure sensor are designated as
the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing fluorosilicone gel
which protects the die from harsh media. The pressure
sensor is designed to operate with positive differential
pressure applied, P1 > P2.
The Pressure (P1) side is identified by the stainless steel
cap.
Nominal Transfer Value:
Vout = VS (P x 0.01059 + 0.11280)
± (Pressure Error x Temp. Mult. x 0.01059 x VS)
VS = 5.1 V ±0.25 V P kPa
Temperature in °C
4.0
3.0
2.0
0.0
1.0
-40
-20
0
20
40
60
130
120
100
80
Pressure in kPa
3.0
2.0
1.0
-1.0
-2.0
-3.0
0.0
0
20
40
60
80
100
120
Pressure
Error (max)
- 40
3
0 to 85
1
+105
2
NOTE: The Temperature Multiplier is a linear response from 0° to -40°C and from 85° to 105°C.
140
Transfer Function (MPX4080D)
Temperature Error Multiplier
Pressure Error Band
MPX4080D
Temp.
Multiplier
Error Limits for Pressure
± 1.5 kPa
± 1.8 kPa
± 2.3 kPa
0 to 6 kPa
0 to 60 kPa
60 to 80 kPa
MPX4080D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com