Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W65C51S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # W65C51S
Description  Asynchronous Communications Interface Adapter (ACIA)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

W65C51S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button W65C51S Datasheet HTML 3Page - List of Unclassifed Manufacturers W65C51S Datasheet HTML 4Page - List of Unclassifed Manufacturers W65C51S Datasheet HTML 5Page - List of Unclassifed Manufacturers W65C51S Datasheet HTML 6Page - List of Unclassifed Manufacturers W65C51S Datasheet HTML 7Page - List of Unclassifed Manufacturers W65C51S Datasheet HTML 8Page - List of Unclassifed Manufacturers W65C51S Datasheet HTML 9Page - List of Unclassifed Manufacturers W65C51S Datasheet HTML 10Page - List of Unclassifed Manufacturers W65C51S Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
COMMAND REGISTER
The Command Register controls specific modes and
functions
7
6
5
4
3
2
1
0
PMC
TIC
PMC1
PMC0
PME
REM
TIC1
TIC0
IRD
DTR
Bits 7-6
Parity Mode Control (PMC)
7
6
0
0
Odd parity transmitted/received
0
1
Even parity transmitted/received
1
0
Mark parity bit transmitted
Parity check disabled
1
1
Space parity bit transmitted
Parity check disabled
Bit 5
Parity Mode Enabled (PME)
0
Parity mode disabled
No parity bit generated
Parity check disabled
1
Parity mode enabled
Bit 4
Receiver Echo Mode (REM)
0
Receiver normal mode
1
Receiver echo mode bits 2 and 3
Must be zero for receiver echo
mode, RTS will be low
Bit 1
Receiver Interrupt Request Disabled (IRD)
0
IRQB enabled
1
IRQB disabled
Bit 0
Data Terminal Ready (DTR)
0
Data terminal not ready (DTRB high)
1
Data terminal ready (DTRB low)
Reset Initialization
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
Hardware reset (RESB)
-
-
-
0
0
0
0
0
Program reset
Data Terminal Ready (Bit 0)
This bit enables all selected interrupts and controls the state
of the Data Terminal Ready (DTRB) line. A 0 indicates the
microcomputer system is not ready by setting the DTRB line
high. A 1 indicates the microcomputer system is ready by
setting the DTRB line low.
Receiver Interrupt Control (Bit 1)
This bit disables the Receiver from generating an interrupt
when set to a 1. The Receiver interrupt is enabled when this
bit is set to a 0 and Bit 0 is set to a 1.
Transmitter Interrupt Control (Bits 2, 3)
These bits control the state of the Ready to Send (RTSB) line
and the Transmitter interrupt.
Receiver Echo Mode (Bit 4)
A 1 enables the Receiver Echo Mode and a 0 enables the
Receiver Echo Mode. When bit 4 is a 1 bits 2 and 3 must be
0. In the Receiver Echo Mode, the Transmitter returns each
transmission received by the Receiver delayed by one-half bit
time.
Parity Mode Enable (Bit 5)
This bit enables parity bit generation and checking. A 0
disables parity bit generation by the Transmitter and parity
bit checking by the Receiver. A 1 bit enables generation and
checking of parity bits.
Parity Mode Control (Bits 6, 7)
These bits determine the type of parity generated by the
Transmitter (even, odd, mark or space) and the type of parity
check done by the Receiver (even, odd or no check).
Bits 3-2
Transmitter Interrupt Control (TIC)
3
2
0
0
RTSB = High, transmit interrupt disabled
0
1
RTSB = Low, transmit interrupt enabled
1
0
RTSB = Low, transmit interrupt disabled
1
1
RTSB = Low, transmit interrupt disabled
Transmit break on TxD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com