Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC782 Datasheet(PDF) 2 Page - Picker Components

Part # PC782
Description  Micro Automotive Plug In / PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC782 Datasheet(HTML) 2 Page - Picker Components

  PC782 Datasheet HTML 1Page - Picker Components PC782 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC782
PC782
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
COIL DATA
Coil Voltage
6
12
Resistance ohms
Nominal Operate
32
123
483
9.2
36.0
0.6
2.4
24
+ 10%
Allowable Voltage Max.
1 Form A & B
1 Form C
1 Form A, B & C
1 Form C
A, C, U, W
1.2
18.1
10.4
40.4
20.4
3.6
14.3
7.2
25
384
97
1 Form A & B
Voltage Max.
Nominal Release
Voltage Min.
(11.5)
.453
(8.0)
.315
(6.0)
.236
(4.5)
.177
(4.5)
.177
30
87
85 87a 86
(11.5)
.453
(8.0)
.315
(7.0)
.275
(4.5)
.177
(4.5)
.177
30
87
85 87a 86
(15.5)
.610
(26.0)
1.02
(23.0)
.906
(0.8)
.032 Typ.
(6.3)
.250
Terms. 30 & 87
(12.0)
.472
(4.8)
.189
Terms. 85, 86 & 87a
(5.7)
.224
(2.5)
.098
(2.2)
.087
Terms. 85, 86 & 87a
(2.5)
.098
Terms. 30 & 87
30
87a
87
85
86
Wiring Diagram
Tolerances + .010 unless otherwise noted
Notes:
Contact Form C shown
On Contact Forms A & B Unused Pins are Omitted
Maximum make current refers to inrush of a lamp load
Make current of 120 Amps permissable with AgSnOInO contacts
In 85 degree C ambient reduce maximum coil voltage to 72%
Dimensions in Inches (millimeters)
Bottom View
PC Board Layout
Plug-In Type
PCB Type
(-)
(+)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com