Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC738ECDCP Datasheet(PDF) 2 Page - Picker Components

Part # PC738ECDCP
Description  Two Pole Heavy Duty Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC738ECDCP Datasheet(HTML) 2 Page - Picker Components

  PC738ECDCP Datasheet HTML 1Page - Picker Components PC738ECDCP Datasheet HTML 2Page - Picker Components PC738ECDCP Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PC738
PC738
ORDERING INFORMATION
Example:
PC738
Model
-120
Coil Voltage
-2A
Contact Form
2A or 2C
A
Voltage Type
A: AC Coil, D: DC Coil
COIL DATA
Coil Voltage
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC or VAC)
Must Release
Voltage Min.
(VDC or VAC)
_
Case Type
S: Sealed, C: Dust Cover
-C
P
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Termination Type
Nil: QC Lugs, P: PC Terminals
Voltage
Type
DC
AC
Coil
Power
5
6
12
24
48
110
12
24
120
208
240
277
15.3
22
86
350
1390
7255
9.1
39
950
2841
3800
5485
1.7 W
4.0 VA
3.8
4.5
9.0
18
36
83
9.0
19.2
96.0
166.4
192
221
0.5
0.6
1.2
2.4
4.8
11.0
2.4
4.8
24
41.6
48
55.4
PAGE 2
60 Hz
50 Hz
12.1
52
1390
3800
5200
7255
AC Frequency
Note: Consult factory for 50 Hz ordering information.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com