Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC792A Datasheet(PDF) 2 Page - Picker Components

Part # PC792A
Description  Automotive Plug-In / PCB Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC792A Datasheet(HTML) 2 Page - Picker Components

  PC792A Datasheet HTML 1Page - Picker Components PC792A Datasheet HTML 2Page - Picker Components PC792A Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PC792A
PC792A
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
REFERENCE CURVES
COIL DATA
Coil Voltage
6
24
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
22
90
330
7.2
14.3
1.2
2.4
20.5
39.1
_
3.6
0.6
10.1
12
(17.9)
.705
(8.4)
.331
(16.9)
.665
(8.0)
.315
87
87A
30
85
86
(17.9)
.705
(8.4)
.331
(16.9)
.665
(8.0)
.315
87
87A
30
85
86
(1.2 X 2.4)
.047 X .094
All Holes
30
87
85
86
Wiring Diagrams
30
87a
87
85
86
(-)
(-)
(+)
(+)
30
87a
87
85
86
(-)
(+)
Form 1U
Form 1A
Form 1C
Dimensions in Inches (millimeters)
Plug-In Type
Bottom View
PC Board Layout
Tolerances + .010 unless otherwise noted
Notes:
Maximum make current refers to inrush of a lamp load
In 85 degree C ambient reduce maximum coil voltage to 72%
Plug-In Case (C) and PCB Case (P)
(24.5)
.965
(26.5)
1.04
(26.5)
1.04
(6.3)
.250
(11.5)
.453
(0.8)
.031
50
55
60
65
70
75
80
85
90
95
100
11
12
13
14
15
16
17
18
AT 20 C
o
AT 85 C
o
AT 125 C
o
Coil Temp Rise
Contacts Carrying 40A
40
50
60
70
80
90
100
11
12
13
14
15
16
17
18
20A
30A
35A
40A
Coil Temp Rise
Ambient Temp 20 C
o
Coil Applied Voltage
Coil Applied Voltage
1
2
10
20
3
5
30
50
100
1
2 3
10
100
5
2030
50
N.O. Contact
N.C. Contact
Maximum Switching Capacity at 85 C
Arc Extinguished Resistive Loads
Switching Voltage(VDC)
o



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com