Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24232103 Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # 24232103
Description  COLOR TELEVISION
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24232103 Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button 24232103 Datasheet HTML 14Page - Toshiba Semiconductor 24232103 Datasheet HTML 15Page - Toshiba Semiconductor 24232103 Datasheet HTML 16Page - Toshiba Semiconductor 24232103 Datasheet HTML 17Page - Toshiba Semiconductor 24232103 Datasheet HTML 18Page - Toshiba Semiconductor 24232103 Datasheet HTML 19Page - Toshiba Semiconductor 24232103 Datasheet HTML 20Page - Toshiba Semiconductor 24232103 Datasheet HTML 21Page - Toshiba Semiconductor 24232103 Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
– 18 –
Location
Parts No.
Description
No.
Location
Parts No.
Description
No.
CAPACITORS
C102
24793471
ELECTROLYTIC, 10V 470UF M
C103
24100103
CERAMIC CHIP, 50V F 0.01UF Z
C105
24109102
CERAMIC CHIP, 50V B 1000PF K
C106
24797479
ELECTROLYTIC, 50V 4.7UF M
C107
24794221
ELECTROIYTIC, 16V 220UF M
C112
24793471
ELECTROLYTIC, 10V 470UF M
C115
24109102
CERAMIC CHIP, 50V B 1000PF K
C117
24794221
ELECTROIYTIC, 16V 220UF M
C151
24109102
CERAMIC CHIP, 50V B 1000PF K
C205
24797229
ELECTROLYTIC, 50V 2.2UF M
C206
24794220
ELECTROLYTIC, 16V 22UF M
C303
24214471
CERAMIC DISC, 500V B 470PF K
C304
24693473
PLASTIC FILM, 100V 0.047UF J
C306
24795332
ELECTROLYTIC, 25V 3300UF M
C308
24669221
ELECTROLYTIC, 50V 220UF M 3A
C310
24669222
ELECTROLYTIC, 50V 2200UF M 3A
C312
24503037
MT PLA CAP 63V 0.047UF J
C313
24082057
PLASTIC FILM, 100V 220000PF J
C314
24793101
ELECTROLYTIC, 10V 100UF M
C315
24212222
CERAMIC DISC, 50V B 2200PF K
C318
24073041
ELECTROLYTIC, 16V 470UF M 3A
C319
24591103
PLASTIC FILM, 50V 0.01UF J
C320
24669101
ELECTROLYTIC, 50V 100UF M 3A
C322
24617912
ELECTROLYTIC, 50V 2.2UF K 3A LI
C323
24567474
PLASTIC FILM, 50V 0.47UF J
C325
24591203
PLASTIC FILM, 50V 0.02UF J
C326
24212102
CERAMIC DISC, 50V B 1000PF K
C327
24073041
ELECTROLYTIC, 16V 470UF M 3A
C328
24212561
CERAMIC DISC, 50V B 560PF K
C352
24617915
ELECTROLYTIC, 50V 1UF K 3A LI
C361
24591103
PLASTIC FILM, 50V 0.01UF J
C362
24503041
PLASTIC FILM , 63V 0.1UF J
C370
24669101
ELECTROLYTIC, 50V 100UF M 3A
C371
24668100
ELECTROLYTIC, 35V 10UF M 3A
C391
24794100
ELECTROLYTIC, 16V 10UF M
C392
24085961
ELECTROLYTIC, NONPOLAR, 50V 10UF M 11L
C393
24794100
ELECTROLYTIC, 16V 10UF M
C396
24082825
PLASTIC FILM, 1800VH 1800PF H
C410
24829563
PLASTIC FILM CQ92 T 400V 56000PF J
C413
24214392
CERAMIC DISK CK45 B 500V 3900PF K
C415
24092729
CERAMIC CHIP CK73B 16V 68000PFK
C416
24676330
ELECTROLYTIC, 100V 33UF M 3A
C417
24214391
CERAMIC DISC, 500V B 390PF K
C424
24763101
ELECTROLYTIC, 16V 100UF M
C425
24763101
ELECTROLYTIC, 16V 100UF M
* C428
24082647
PLASTIC FILM, 400V 0.27UF J
C430
24109103
CERAMIC CHIP, 50V B 0.01UF K
C431
24763221
ELECTROLYTIC, 16V 220UF M
C432
24567474
PLASTIC FILM, 50V 0.47UF J
C434
24820332
PLASTIC FILM CQ92 T 630V 3300PF J
C435
24212101
CERAMIC DISC, 50V B 100PF K
C436
24503041
PLASTIC FILM , 63V 0.1UF J
* C437
24082399
PLASTIC FILM CF92 T 1250VH 1600PF H
C439
24503125
PLASTIC FILM, 400V 0.075UF J
* C440
24082592
PLASTIC FILM CF92 T 1800VH 1000PF H
* C442
24082648
PLASTIC FILM, 400V 0.3UF J
* C443
24082608
PLASTIC FILM, 1800VH 4700PF H
* C444
24082609
PLASTIC FILM, 1800VH 5100PF H
C445
24095740
PLASTIC FILM CF92 T 400V R047UF J
C446
24640020
ELECTROLYTIC CE04Q 250V 33UF M H-R
C448
24640962
CHEMICON 04H 200V 330M
C449
24667471
ELECTROLYTIC, 25V 470UF M 3A
C450
24092344
CERAMIC DISC, 2KV 820PF K
C451
24092344
CERAMIC DISC, 2KV 820PF K
* C452
24082597
PLASTIC FILM, 1800VH 1600PF H
C461
24763101
ELECTROLYTIC, 16V 100UF M
C463
24591102
PLASTIC FILM, 50V 1000PF J
C464
24640900
ELEC, CE04W 100V 4.7MF CE04W2A4R7
* C465
24082429
PLASTIC FILM CF92 T 1250VH 10000PF H
C466
24503041
PLASTIC FILM , 63V 0.1UF J
* C467
24082429
PLASTIC FILM CF92 T 1250VH 10000PF H
C468
24567474
PLASTIC FILM, 50V 0.47UF J
* C469
24082429
PLASTIC FILM CF92 T 1250VH 10000PF H
C470
24766220
ELECTROLYTIC, 50V 22UF M
C471
24766479
ELECTROLYTIC, 50V 4.7UF M
C472
24567474
PLASTIC FILM, 50V 0.47UF J
C475
24214102
CERAMIC DISC, 500V B 1000PF K
WARNING: BEFORE SERVICING THIS CHASSIS, READ THE “X-RAY RADIATION PRECAUTION”, “SAFETY
PRECAUTION” AND “PRODUCT SAFETY NOTICE” ON PAGE 3 OF THIS MANUAL.
CAUTION: The international hazard symbols “
” in the schematic diagram and the parts list designate com-
ponents which have special characteristics important for safety and should be replaced only with types identical to
those in the original circuit or specified in the parts list. The mounting position of replacements is to be identical with
originals. Before replacing any of these components, read carefully the PRODUCT SAFETY NOTICE. Do not
degrade the safety of the receiver through improper servicing.
NOTICE:
• The part number must be used when ordering parts, in order to assist in processing, be sure to include the Model
number and Description.
• The PC board assembly with * mark is no longer available after the end of the production.
Model : 36HFX72/36HF72
Capacitors ............. CD
:
Ceramic Disk
PF
:
Plastic Film
EL
:
Electrolytic
Resistors ............... CF
:
Carbon Film
CC
:
Carbon Composition
MF
:
Metal Film
OMF :
Oxide Metal Film
VR
:
Variable Resistor
FR
:
Fusible Resistor
(All CD and PF capacitors are
±5%, 50V and all resistors, ±5%, 1/6W unless otherwise noted.)
CHASSIS AND CABINET REPLACEMENT PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com