Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC795 Datasheet(PDF) 2 Page - Picker Components

Part # PC795
Description  80/60 Amp Automotive Plug-In / PCB Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC795 Datasheet(HTML) 2 Page - Picker Components

  PC795 Datasheet HTML 1Page - Picker Components PC795 Datasheet HTML 2Page - Picker Components PC795 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PC795
PC795
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
REFERENCE CURVE
COIL DATA
Coil Voltage
6
24
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
22
90
330
7.2
14.3
1.2
2.4
20.5
39.1
_
3.6
0.6
10.1
12
30
87
85
86
Wiring Diagrams
(-)
(+)
30
87a
87
85
86
(-)
(+)
Form 1A
Form 1C
Dimensions in Inches (millimeters)
Plug-In Type
Bottom View
Tolerances + .010 unless otherwise noted
Notes:
Maximum make current refers to inrush of a lamp load
In 85 degree C ambient reduce maximum coil voltage to 72%
Plug-In Case (C) and PCB Case (P)
(25.0)
.984
(28.0)
1.10
(17.9)
.705
(8.4)
.331
(16.9)
.665
(8.0)
.315
87
87A
30
85
86
(17.9)
.705
(8.4)
.331
(16.9)
.665
(8.0)
.315
87
87A
30
85
86
(7.6)
.300
(3.8)
.150
Holes for Pins 30, 87 & 87a
are 3 X .087 (2.2) by .063 (1.6)
Pins 85 & 86 are .079 (2.0) by .047 (1.2)
(6.3)
.250
(9.5)
.374
(18.0)
.709
(11.5)
.453
0
20
40
60
80
10
20 30 40 50 100
DC Contact Voltage.
Contact Derating



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com