Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM4000 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CMM4000
Description  2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CMM4000 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  CMM4000 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMM4000 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMM4000 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMM4000 Datasheet HTML 4Page - List of Unclassifed Manufacturers CMM4000 Datasheet HTML 5Page - List of Unclassifed Manufacturers CMM4000 Datasheet HTML 6Page - List of Unclassifed Manufacturers CMM4000 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7 of 7
Handling and Assembly Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the
human body and the environment. For safety, observe the following procedures:
Do not ingest.
Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical
processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed.
Observe government laws and company regulations when discarding this product.This product must be
discarded in accordance with methods specified by applicable hazardous waste procedures.
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support
devices or systems without the express written approval of the President and General Counsel of Mimix Broadband. As
used herein: (1) Life support devices or systems are devices or systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with
instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user.
(2) A critical component is any component of a life support device or system whose failure to perform can be
reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
ESD - Gallium Arsenide (GaAs) devices are susceptible to electrostatic and mechanical damage. Die are supplied in
antistatic containers, which should be opened in cleanroom conditions at an appropriately grounded antistatic work-
station. Devices need careful handling using correctly designed collets, vacuum pickups or, with care, sharp tweezers.
Die Attachment - GaAs Products from Mimix Broadband are 0.076 mm (0.003") thick and have vias through to the
backside to enable grounding to the circuit. Microstrip substrates should be brought as close to the die as possible. The
mounting surface should be clean and flat. If using conductive epoxy, recommended epoxy is Tanaka TS3332LD cured
in a nitrogen atmosphere per manufacturer's cure schedule. Apply epoxy sparingly to avoid getting any on to the top
surface of the die. An epoxy fillet should be visible around the total die periphery. If eutectic mounting is preferred,
then a fluxless gold-tin (AuSn) preform, approximately 0.0012 thick, placed between the die and the attachment surface
should be used. A die bonder that utilizes a heated collet and provides scrubbing action to ensure total wetting to
prevent void formation in a nitrogen atmosphere is recommended. The gold-tin eutectic (80% Au 20% Sn) has a
melting point of approximately 280º C (Note: Gold Germanium should be avoided). The work station temperature
should be 310ºC +/- 10ºC. Exposure to these extreme temperatures should be kept to minimum. The collet should be
heated, and the die pre-heated to avoid excessive thermal shock. Avoidance of air bridges and force impact are critical
during placement.
Wire Bonding - Windows in the surface passivation above the bond pads are provided to allow wire bonding to the
die's gold bond pads. The recommended wire bonding procedure uses 0.076 mm x 0.013 mm (0.003" x 0.0005") 99.99%
pure gold ribbon with 0.5-2% elongation to minimize RF port bond inductance. Gold 0.025 mm (0.001") diameter
wedge or ball bonds are acceptable for DC Bias connections. Aluminum wire should be avoided. Thermo-compression
bonding is recommended though thermosonic bonding may be used providing the ultrasonic content of the bond is
minimized. Bond force, time and ultrasonics are all critical parameters. Bonds should be made from the bond pads on
the die to the package or substrate. All bonds should be as short as possible.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Part Number for Ordering
Description
CMM4000-BD
RoHS compliant die packed in gel paks
PB-CMM4000-BD
CMM4000-BD evaluation module
2.0-18.0 GHz GaAs MMIC
Low Noise Amplifier
CMM4000
May 2006 - Rev 08-May-06



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com