Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC835 Datasheet(PDF) 2 Page - Picker Components

Part # PC835
Description  10 Amp Subminature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC835 Datasheet(HTML) 2 Page - Picker Components

  PC835 Datasheet HTML 1Page - Picker Components PC835 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC835
PC835
COIL DATA
Coil Voltage
5
6
9
24
48
Resistance ohms
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
56
80
180
320
720
1280
5100
3.75
4.50
6.75
9.00
13.50
18.00
36.00
0.25
0.30
0.45
0.60
0.90
1.20
2.40
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
12
18
+ 10%
Standard Coil
Sensitive Coil
125
180
400
720
1620
2800
0.45 W
0.20 W
3
20
45
2.25
0.15
Not Available
.50
(12.7)
.30
(7.62)
.60
(15.24)
1 FORM A
1 FORM C
1 FORM A
1 FORM C
Wiring Diagram
Bottom View
PC Board Layout
Wiring Diagram
Side View
End View
(18.2)
.717
(10.2)
.402
(14.9)
.587
(3.8)
.150
(18.2)
.717
(10.2)
.402
(14.9)
.587
(3.8)
.150
(1.3)
.051 Dia. Typ.
1 FORM C
1 FORM A
.50
(12.7)
.30
(7.62)
.60
(15.24)
.051 Dia. Typ.
(1.3)
.159
(4.04)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com