Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLS-3040 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # BLS-3040
Description  BLS-3040
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

BLS-3040 Datasheet(HTML) 1 Page - DB Lectro Inc

  BLS-3040 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BLS-3040
DB LECTRO Inc. 3600 boul. Matte siuite i Brossard Qc tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.


Similar Part No. - BLS-3040

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BLS-2035 DBLECTRO-BLS-2035 Datasheet
90Kb / 1P
BLS-2035
BLS-2040 DBLECTRO-BLS-2040 Datasheet
90Kb / 1P
BLS-2040
BLS-5090 DBLECTRO-BLS-5090 Datasheet
89Kb / 1P
BLS-5090
More results

Similar Description - BLS-3040

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BLS-2035 DBLECTRO-BLS-2035 Datasheet
90Kb / 1P
BLS-2035
BLS-2040 DBLECTRO-BLS-2040 Datasheet
90Kb / 1P
BLS-2040
BLS-5090 DBLECTRO-BLS-5090 Datasheet
89Kb / 1P
BLS-5090
logo
List of Unclassifed Man...
TR-6FM ETC2-TR-6FM Datasheet
496Kb / 5P
6 outlet, 6-ft cord, 3040 joules, Modem/Fax protection Surge Suppressor - State of the art protection for every application
logo
Kemet Corporation
C3040C103JGGACAUTO KEMET-C3040C103JGGACAUTO Datasheet
71Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 5%, 2,000 V, 3040, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C3040C104JCGACAUTO KEMET-C3040C104JCGACAUTO Datasheet
71Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 5%, 500 V, 3040, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C3040H683JBGACT050 KEMET-C3040H683JBGACT050 Datasheet
71Kb / 1P
Ceramic, 200C, 200C-(CxxxxH), 0.068 uF, 5%, 630 V, 3040, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C3040H103JGGACT050 KEMET-C3040H103JGGACT050 Datasheet
70Kb / 1P
Ceramic, 200C, 200C-(CxxxxH), 0.01 uF, 5%, 2,000 V, 3040, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C3040H393KGGWCT050 KEMET-C3040H393KGGWCT050 Datasheet
71Kb / 1P
Ceramic, 200C, 200C-(CxxxxH), 0.039 uF, 10%, 1,000 V, 3040, C0G, SMD, MLCC, High Temperature, Pulse Discharge, Ultra-Stable, Low Loss
logo
FIBOX Enclosing innovat...
8120942 FIBOX-8120942 Datasheet
38Kb / 1P
Rain canopy set for size 3040
24.07.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com