Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXF Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # AXF
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

AXF Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  AXF Datasheet HTML 1Page - RUBYCON CORPORATION AXF Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WV
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
10
16
25
35
50
63
80
100
WV
39
47
27
33
56
68
82
100
120
150
400
420
450
20×20
20×20
22×20
25×20
25×20
30×20
20×20
20×20
22×20
25×20
25×20
30×20
20×20
22×20
22×20
25×20
30×20
20×20
22×20
25×20
25×20
30×20
20×20
22×20
22×20
25×20
30×20
20×20
22×20
22×20
25×20
25×20
20×20
20×20
22×20
25×20
25×20
20×20
20×20
30×20
20×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
20×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
20×20
22×20
22×20
25×20
30×20
30×20
35×20
35×20
0.60
0.71
0.78
0.95
1.09
1.32
0.65
0.70
0.84
1.04
1.19
1.44
0.83
0.99
1.10
1.20
1.47
0.87
1.02
1.15
1.34
1.60
0.80
0.94
1.04
1.29
1.45
0.98
1.08
1.29
1.58
1.61
1.06
1.25
1.38
1.68
1.80
0.98
1.16
6800
22×20 1.31
8200
25×20 1.59
10000
25×20 1.77
1.52
0.26
0.30
0.36
0.41
0.43
0.50
0.53
0.61
0.30
0.34
0.38
0.45
0.48
0.53
0.58
0.70
0.34
0.39
0.40
0.49
0.55
0.60
0.75
0.80
◆STANDARD SIZE, RATED RIPPLE CURRENT
Cap(μF)
Cap(μF)
WV
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
160
180
200
220
250
315
350
385
20×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
20×20
20×20
22×20
25×20
25×20
30×20
35×20
35×20
20×20
22×20
22×20
25×20
30×20
30×20
35×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
20×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
35×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
35×20
35×20
0.35
0.38
0.42
0.50
0.52
0.61
0.64
0.80
0.38
0.40
0.45
0.54
0.57
0.65
0.78
0.85
0.41
0.48
0.51
0.57
0.65
0.70
0.85
0.59
0.65
0.74
0.77
0.95
1.00
1.16
0.60
0.63
0.70
0.80
0.85
1.02
1.12
1.25
0.66
0.80
0.87
0.95
1.15
1.20
1.41
0.66
0.80
0.90
0.95
1.15
1.20
1.36
1.43
0.69
0.81
0.98
1.02
1.25
1.30
1.46
1.51
0.90
Cap(μF)
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com