Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXC Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # BXC
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

BXC Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  BXC Datasheet HTML 1Page - RUBYCON CORPORATION BXC Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
φD
φd
F
10
8
3.5
5.0
12.5
16
18
7.5
0.6
0.8
◆STANDARD SIZE, RATED RIPPLE CURRENT
Size φD×L(mm), Ripple Current (mA r.m.s./105℃, 100kHz)
160V
(2C)
Size
Ripple
200V
(2D)
Size
Ripple
250V
(2E)
Size
Ripple
4.7
6.8
10
22
33
47
68
82
100
150
220
1
1.5
1.8
2.2
3.3
4.7
5.6
6.8
10
15
22
33
47
68
82
10×16
10×20
10×20
10×20
12.5×20
12.5×25
16×20
16×25
18×25
320
500
650
750
1180
1420
1890
2370
10×16
10×20
10×20
12.5×20
12.5×25
16×20
16×20
16×20
16×25
320
500
650
980
1300
1380
1420
1890
8×11.5
10×12.5
10×16
10×20
12.5×20
12.5×20
16×20
16×20
16×25
18×25
160
250
320
500
800
980
1300
1380
1530
1940
10×12.5
10×12.5
10×16
10×20
12.5×20
16×20
16×20
18×25
18×25
150
180
280
350
650
900
1080
1470
1530
8×11.5
10×12.5
8×11.5
10×12.5
8×11.5
10×12.5
8×11.5
10×12.5
10×12.5
10×16
10×16
10×16
10×16
10×20
12.5×20
12.5×25
16×20
16×20
16×25
18×20
18×25
60
70
90
100
95
120
95
140
150
180
220
250
280
350
550
760
900
1180
1470
10×20
10×20
10×20
12.5×20
12.5×25
16×20
16×25
18×25
220
250
280
450
600
730
980
1200
350V
(2V)
Size
Ripple
400V
(2G)
Size
Ripple
450V
(2W)
Size
Ripple
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
BXC
WV(V.DC)
Cap(μF)
WV(V.DC)
Cap(μF)
L+2MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com