Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23358564 Datasheet(PDF) 31 Page - Toshiba Semiconductor

Part # 23358564
Description  COLOR TELEVISION N2PS Chassis
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23358564 Datasheet(HTML) 31 Page - Toshiba Semiconductor

Back Button 23358564 Datasheet HTML 27Page - Toshiba Semiconductor 23358564 Datasheet HTML 28Page - Toshiba Semiconductor 23358564 Datasheet HTML 29Page - Toshiba Semiconductor 23358564 Datasheet HTML 30Page - Toshiba Semiconductor 23358564 Datasheet HTML 31Page - Toshiba Semiconductor 23358564 Datasheet HTML 32Page - Toshiba Semiconductor 23358564 Datasheet HTML 33Page - Toshiba Semiconductor 23358564 Datasheet HTML 34Page - Toshiba Semiconductor 23358564 Datasheet HTML 35Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 109 page
background image
– 31 –
Location
Parts No.
Description
No.
Location
Parts No.
Description
No.
DV11
23316587
DIODE, ZENER CHIP VZ8.58-9.02V MA8091-L
DV13
23316587
DIODE, ZENER CHIP VZ8.58-9.02V MA8091-L
DV17
23316587
DIODE, ZENER CHIP VZ8.58-9.02V MA8091-L
DV18
23316587
DIODE, ZENER CHIP VZ8.58-9.02V MA8091-L
DV121
23316587
DIODE, ZENER CHIP VZ8.58-9.02V MA8091-L
DV161
23316591
DIODE, ZENER, MA8100-M
DV162
23316591
DIODE, ZENER, MA8100-M
DV163
23316591
DIODE, ZENER, MA8100-M
DV164
23316591
DIODE, ZENER, MA8100-M
DV165
23316591
DIODE, ZENER, MA8100-M
DV166
23316591
DIODE, ZENER, MA8100-M
MISCELLANEOUS
B230
23037312
SCREW, BTBW3X12SZN
B231
23035412
SCREW, BTB4X12SZN
B232
23035312
SCREW, BTB3X12SZN
BB130
23368627
CONNECTOR, BRIDGE B-B 8P 2.5JST
08TM-2.5FJ-E
BB13A
23903022
CONNECTOR, BASE B-B 8P 2.5 JST
BB13B
23903022
CONNECTOR, BASE B-B 8P 2.5 JST
BB14A
23713014
CONNECTOR, BRIDGE PLUG 16P 1.5
BB14B
23713013
BASE SOCKET 16P 1.5
BB160
23368627
CONNECTOR, BRIDGE B-B 8P 2.5JST
08TM-2.5FJ-E
BB16A
23903022
CONNECTOR, BASE B-B 8P 2.5 JST
BB16B
23903022
CONNECTOR, BASE B-B 8P 2.5 JST
BB50A
23713014
CONNECTOR, BRIDGE PLUG 16P 1.5
BB50B
23713013
BASE SOCKET 16P 1.5
BB60A
23713014
CONNECTOR, BRIDGE PLUG 16P 1.5
BB60B
23713013
BASE SOCKET 16P 1.5
BB70A
23713014
CONNECTOR, BRIDGE PLUG 16P 1.5
BB70B
23713013
BASE SOCKET 16P 1.5
BB80A
23368517
CONNECTOR, PLUG, B-B 6P
BB80B
23902749
CONNECTOR, SOCKET, B-B 6P
* F470
23144897
FUSE, 2A 125V
F470A
23165433
FUSE HOLDER, 5.2 SOC
* F801
23144745
FUSE, 10.0A UL
F801A
23165433
FUSE HOLDER, 5.2 SOC
* F860
23144456
FUSE, AXIAL, 125V 5.0A
* F889
23144456
FUSE, AXIAL, 125V 5.0A
* F890
23144456
FUSE, AXIAL, 125V 5.0A
* F891
23144456
FUSE, AXIAL, 125V 5.0A
G101
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
G102
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
G301
24366472
CARBON FILM, 1/6W 4.7K OHM J
G306
24366222
CARBON FILM, 1/6W 2.2K OHM J
G312
24366272
CARBON FILM, 1/6W 2.7K OHM J
G370
24338159
OXIDE METAL FILM, 1W 1.5 OHM J
G403
24946223
CARBON COMPOSITION GF 1/2W 22K K
G498
24568109
CERAMIC COVERED G 7W 1.0 J
* G883
23316679
DIODE, ZENER, MTZJ6.8C
GCD86 24797100
ELECTROLYTIC, 50V 10UF M (36HFX72)
GCD88 24797100
ELECTROLYTIC, 50V 10UF M (36HFX72)
GCD90 24797100
ELECTROLYTIC, 50V 10UF M (36HFX72)
GCD91 24797100
ELECTROLYTIC, 50V 10UF M (36HFX72)
GJ02
24000445
CHIP JUMPER, 1608TYPE
GJ03
24000445
CHIP JUMPER, 1608TYPE
GJ04
24000445
CHIP JUMPER, 1608TYPE
GJ17
24000445
CHIP JUMPER, 1608TYPE
GJ19
24000445
CHIP JUMPER, 1608TYPE
GJ33
24000445
CHIP JUMPER, 1608TYPE
GJ40
24000445
CHIP JUMPER, 1608TYPE
GJ42
24000445
CHIP JUMPER, 1608TYPE
GJ43
24000445
CHIP JUMPER, 1608TYPE
GJ663
24000445
CHIP JUMPER, 1608TYPE (36HF72)
GJ664
24000445
CHIP JUMPER, 1608TYPE (36HFX72)
GJA33
24000445
CHIP JUMPER, 1608TYPE
GR07
24000445
CHIP JUMPER, 1608TYPE
GR24
24000445
CHIP JUMPER, 1608TYPE
GR90
24000445
CHIP JUMPER, 1608TYPE
GR95
24000445
CHIP JUMPER, 1608TYPE
GR107 24000445
CHIP JUMPER, 1608TYPE
GRD80 24366472
CARBON FILM, 1/6W 4.7K OHM J (36HFX72)
GRD82 24366472
CARBON FILM, 1/6W 4.7K OHM J (36HFX72)
H003
23124086
ANTENNA SWITCH, BUNKI
H003A
23740989
NUT, F-CONNECTOR 2H BS
KB01
23906805
IC, REMOTE PHOTO RECIEVER, PIC-TB17
M461A 23192957
ANODE CAP ASSY, TCC5602AT
M461B 23505090
CABLE, CABLE FOCUS
M461C 23505089
CABLE, CABLE FOCUS
M461D 23504719
CABLE, SCREEN
N421
23969041
TAPE WHITE 3M #1, W=1 INCH TNP COMMON
N726
23969041
TAPE WHITE 3M #1, W=1 INCH TNP COMMON
P311A
23902863
SOCKET, B-B, 20P 2MM SMK
P311B
23368520
CONNECTOR, 20P, 2MM
P312A
23902863
SOCKET, B-B, 20P 2MM SMK
P312B
23368520
CONNECTOR, 20P, 2MM
* P801
23372113
POWER CORD, U/C 125V10A HSV 2
CMC-02P 1
PV01
23365274
JACK, PIN JACK 2S6P
PV02
23365819
JACK, 1S3P
PV03
23365949
JACK, 5P, 1E:OFF+2R:OFF+2L:OFF, JALC
PV04
23365949
JACK, 5P, 1E:OFF+2R:OFF+2L:OFF, JALC
PV08
23365273
JACK, JACK, PIN 6P
PV12
23903040
SOCKET, B-B 2MM 56P TAIKO
S602
23145409
SWITCH, SLIDE SWITCH
SA01
23145227
SWITCH, PUSH, 1C1P
SA02
23145227
SWITCH, PUSH, 1C1P
SA03
23145227
SWITCH, PUSH, 1C1P
SA04
23145227
SWITCH, PUSH, 1C1P
SA05
23145227
SWITCH, PUSH, 1C1P
SA06
23145227
SWITCH, PUSH, 1C1P
SA07
23145227
SWITCH, PUSH, 1C1P
SA08
23145227
SWITCH, PUSH, 1C1P
* SJ01
23146958
RELAY, 2C 1A DC12V OMRON
* SR42
23146558
RELAY, DC12V SILENT, DJ12D1-O(M)-Q
* SR81
23146577
RELAY, DLS5D1-O(M)0.25W
* SR83
23146564
RELAY, DC12V, TV5, DG-3
UZ01
23148025
SCAN CONVERTER MODUL, N.H, MVPU15
* V901A
23903027
CRT SOCKET, 8P SMK CVT3251-0176
CVT3251-0176
W661
23351171
SPEAKER, 60X120 8-OHM 10W, SPK-1416AT
W662
23351171
SPEAKER, 60X120 8-OHM 10W, SPK-1416AT
W665
23351133
SPEAKER, SPK1392, 100X100 6OHM 16W
(36HFX72)
X4401
23153721
CERAMIC RESONATOR, 503KHZ
X4402
23153721
CERAMIC RESONATOR, 503KHZ
XA01
23153533
CERAMIC RESONATOR, CERA RESO,
TCR1082AM
Z301
23110850
RECTI BLOCK C222 720K
Z401
23140203
SPARK GAP, 2.0-3.0KV C-010,
AG20PC152F-L3N
PC BOARD ASSEMBLIES
* U801 23787485
POWER/DEF BOARD, PD0159C
* U802 23787486
AC IN BOARD, PD0161B
* U803 23787487
LOW B BOARD, PB9567C
* U901 23787488
CRT/D VM BOARD, PD0164C
* U902 23787489
SIGNAL BOARD, PD0650A (36HFX72)
* U902 23787492
SIGNAL BOARD, PD0650B (36HF72)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com