Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFX Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # CFX
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

CFX Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  CFX Datasheet HTML 1Page - RUBYCON CORPORATION CFX Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
φD
φd
F
10
5.0
12.5
16
7.5
0.6
0.8
◆STANDARD SIZE, RATED RIPPLE CURRENT
Size φD×L(mm), Ripple Current (mA r.m.s./105℃, 100kHz)
200V
(2D)
Size
Ripple
250V
(2E)
Size
Ripple
10
10×16
300
22
10×16
360
33
10×20
500
47
12.5×20
660
68
12.5×25
760
100
1120
16×25
10×16
300
10×20
500
12.5×20
600
12.5×25
16×25
720
920
350V
(2V)
Size
Ripple
400V
(2G)
Size
Ripple
10
4.7
10×16
220
22
10×20
280
33
12.5×20
350
47
12.5×25
430
660
16×25
10×16
220
6.8
10×16
220
10×16
220
2.2
10×16
160
3.3
10×16
180
10×16
180
10×20
280
430
640
12.5×25
16×25
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
CFX
WV(V.DC)
Cap(μF)
WV(V.DC)
Cap(μF)
L+2MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com