Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23358564 Datasheet(PDF) 40 Page - Toshiba Semiconductor

Part # 23358564
Description  COLOR TELEVISION N1PS Chassis
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23358564 Datasheet(HTML) 40 Page - Toshiba Semiconductor

Back Button 23358564 Datasheet HTML 36Page - Toshiba Semiconductor 23358564 Datasheet HTML 37Page - Toshiba Semiconductor 23358564 Datasheet HTML 38Page - Toshiba Semiconductor 23358564 Datasheet HTML 39Page - Toshiba Semiconductor 23358564 Datasheet HTML 40Page - Toshiba Semiconductor 23358564 Datasheet HTML 41Page - Toshiba Semiconductor 23358564 Datasheet HTML 42Page - Toshiba Semiconductor 23358564 Datasheet HTML 43Page - Toshiba Semiconductor 23358564 Datasheet HTML 44Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
– 40 –
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
BB70A 23713014
BRIDGE PLUG 16P 1.5
BB70B
23713013
BASE SOCKET 16P 1.5
BB80A 23368517
CONNECTOR, PLUG B-B 6P2.5
BB80B
23902749
CONNECTOR, SOCKET B-B6P2.5
BB130
23368627
CONNECTOR, BRIDGE B-B 8P 2.5JST
08TM-2.5FJ-E
F470
23144849
FUSE, CARTRIDGE 5X20 250V 2.0A
F470A
23165433
FUSE HOLDER, 5.2 SOC
F801
23144745
FUSE, 10.0A UL
F801A
23165433
FUSE HOLDER, 5.2 SOC
F860
23144456
FUSE, AXIAL 125V 5.0A
F889
23144456
FUSE, AXIAL 125V 5.0A
F890
23144456
FUSE, AXIAL 125V 5.0A
F891
23144456
FUSE, AXIAL 125V 5.0A
G101
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
G102
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
G301
24366472
CARBON FILM, 1/6W 4.7K OHM J
G306
24366222
CARBON FILM, 1/6W 2.2K OHM J
G312
24366272
CARBON FILM, 1/6W 2.7K OHM J
G370
24338159
METAL FILM, 1W 1.5 OHM J
G403
24946223
CARBON COMPOSITION GF 1/2W 22K K
G498
24568109
CERAMIC COVERED G 7W 1.0 J
* G883
23316679
DIODE, ZENER, MTZJ6.8C
GJ02
24000445
CHIP JUMPER, 1608TYPE
GJ16
24000445
CHIP JUMPER, 1608TYPE
GJ17
24000445
CHIP JUMPER, 1608TYPE
GJ19
24000445
CHIP JUMPER, 1608TYPE
GJ33
24000445
CHIP JUMPER, 1608TYPE
GJ40
24000445
CHIP JUMPER, 1608TYPE
GJ501
24000445
CHIP JUMPER, 1608TYPE
GJ510
24000445
CHIP JUMPER, 1608TYPE
GJ511
24000445
CHIP JUMPER, 1608TYPE
GJ512
24000445
CHIP JUMPER, 1608TYPE
GJA33 24000445
CHIP JUMPER, 1608TYPE
GR07
24000445
CHIP JUMPER, 1608TYPE
GR14
24000445
CHIP JUMPER, 1608TYPE
GR15
24000445
CHIP JUMPER, 1608TYPE
GR16
24000445
CHIP JUMPER, 1608TYPE
GR17
24000445
CHIP JUMPER, 1608TYPE
GR20
24000445
CHIP JUMPER, 1608TYPE
GR21
24000445
CHIP JUMPER, 1608TYPE
GR24
24000445
CHIP JUMPER, 1608TYPE
GR49
24000445
CHIP JUMPER, 1608TYPE
GR50
24000445
CHIP JUMPER, 1608TYPE
GR82
24000445
CHIP JUMPER, 1608TYPE
GR83
24000445
CHIP JUMPER, 1608TYPE
GR84
24000445
CHIP JUMPER, 1608TYPE
GR85
24000445
CHIP JUMPER, 1608TYPE
GR90
24000445
CHIP JUMPER, 1608TYPE
GR107
24000445
CHIP JUMPER, 1608TYPE
JM03
24000445
CHIP JUMPER, 1608TYPE
JM04
24000445
CHIP JUMPER, 1608TYPE
JM06
24000445
CHIP JUMPER, 1608TYPE
JM07
24000445
CHIP JUMPER, 1608TYPE
JR02
24000445
CHIP JUMPER, 1608TYPE
JV504
24000445
CHIP JUMPER, 1608TYPE
JX206
24000445
CHIP JUMPER, 1608TYPE
JX207
24000445
CHIP JUMPER, 1608TYPE
JX216
24000445
CHIP JUMPER, 1608TYPE
JX217
24000445
CHIP JUMPER, 1608TYPE
JX551
24000445
CHIP JUMPER, 1608TYPE
JX553
24000445
CHIP JUMPER, 1608TYPE
JX561
24000445
CHIP JUMPER, 1608TYPE
JX563
24000445
CHIP JUMPER, 1608TYPE
JX571
24000445
CHIP JUMPER, 1608TYPE
JX573
24000445
CHIP JUMPER, 1608TYPE
JY22
24000445
CHIP JUMPER, 1608TYPE
JY27
24000445
CHIP JUMPER, 1608TYPE
JY303
24000576
JUMPER CHIP, 3216TYPE
JY504
24000445
CHIP JUMPER, 1608TYPE
JZ01
24000445
CHIP JUMPER, 1608TYPE
JZ02
24000576
JUMPER CHIP, 3216TYPE
JZ03
24000445
CHIP JUMPER, 1608TYPE
KB01
23906805
IC, REMOTE PHOTO RECIEVER PIC-TB17
M461A 23192945
ANODECAP ASSEMBLY, TCCP5162
M461B 23505090
CABLE, CABLE FOCUS
M461C 23505089
CABLE, CABLE FOCUS
M461D 23504719
CABLE, CABLE SCREEN
N421
23969041
TAPE WHITE 3M #1, W=1 INCH TNP
COMMON
P311A
23902863
SOCKET, B-B, 20P 2MM SMK
P311B
23368520
CONNECTOR, 20P, 2MM
P312A
23902863
SOCKET, B-B, 20P 2MM SMK
P312B
23368520
CONNECTOR, 20P, 2MM
P801
23372113
POWER CORD, U/C 125V10A HSV 2
CMC-02P 1
PV01
23365274
JACK, PIN JACK 2S6P 2S6P
PV02
23365819
JACK, 1S3P, 1S+PIN(1E+1L+1R)
PV03
23365949
JACK, 5P, 1E:OFF+2R:OFF+2L:OFF, JALC
PV04
23365949
JACK, 5P, 1E:OFF+2R:OFF+2L:OFF, JALC
PV08
23365273
JACK, JACK, PIN 6P JACK 6P
PV12
23903040
SOCKET, B-B 2MM 56P TAIKO
PZ01
23368646
PLUG, B-B 2MM 56P TAIKO
S602
23145409
SWITCH
SA01
23145227
SWITCH, PUSH, 1C1P
SA02
23145227
SWITCH, PUSH, 1C1P
SA03
23145227
SWITCH, PUSH, 1C1P
SA04
23145227
SWITCH, PUSH, 1C1P
SA05
23145227
SWITCH, PUSH, 1C1P
SA06
23145227
SWITCH, PUSH, 1C1P
SA07
23145227
SWITCH, PUSH, 1C1P
SA08
23145227
SWITCH, PUSH, 1C1P
SJ01
23146958
RELAY, 2C 1A DC12V OMRON
SR42
23146558
RELAY, DC12V SILENT DJ12D1-O(M)-Q
SR81
23146577
RELAY, DLS5D1-O(M)0.25W DLS5D1-O(M)0.
SR83
23146564
RELAY, DC12V, TV5, DG-3
W661
23351038
SPEAKER, SPK1311, 60X120,8 OHM,10W
W662
23351038
SPEAKER, SPK1311, 60X120,8 OHM,10W
W665
23351133
SPEAKER, SPK1392, 100X100 6OHM 16W
X401
23153721
CERAMIC RESONATOR, 503KHZ
X501
23153961
CRYSTAL, 3.58MHZ
XA01
23153533
CERAMIC RESONATOR, CERA RESO
TCR1082AM
XY01
23153961
CRYSTAL, 3.58MHZ
XY03
23153721
CERAMIC RESONATOR, 503KHZ
X4401
23153721
CERAMIC RESONATOR, 503KHZ
X4402
23153721
CERAMIC RESONATOR, 503KHZ
Z301
23110845
CAPACITOR, RECTI.CIRCUIT BLOCK
TPA6032BH
Z401
23140203
SPARK GAP, 2.0-3.0KV C-010
AG20PC152F-L3N
ZX821
23246195
COIL, CHIP INDUCTOR, TRF41R0CG
ZX822
23246195
COIL, CHIP INDUCTOR, TRF41R0CG
ZX823
23246195
COIL, CHIP INDUCTOR, TRF41R0CG
PC BOARD ASSEMBLIES
* U801 23786377
POW/DEF BOARD, PD0159A (36HFX71)
* U801 23786388
POW/DEF BOARD, PD0159B (32HFX71)
* U802 23786378
AC INPUT BOARD, PD0161
* U803 23786379
LOWB/VERT BOARD, PB9567A (36HFX71)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com