Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3852 Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # 2SC3852
Description  COLOR TELEVISION
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3852 Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button 2SC3852 Datasheet HTML 17Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 18Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 19Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 20Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 21Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 22Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 23Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 24Page - Toshiba Semiconductor 2SC3852 Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
– 21 –
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
C842
24792101
ELECTROLYTIC CE04G 6.3V 100UF M
C844
24503041
MT PLA CAP 63V 0.1UF J
C846
24214331
CERAMIC DISK CK45 B 500V 330PF K
C847
24669339
ELECTROLYTIC, 50V 3.3UF M
C848
24794102
ELECTROLYTIC CE04G 16V 1000UF M
C850
24539334
PLASTIC FILM, 50V 0.33UF J
C851
24539334
PLASTIC FILM, 50V 0.33UF J
C860
24214103
CERAMIC DISK CK45 B 500V 10000PF K
C862
24435221
CERA CAP SL 500V 221J
C863
24503041
MT PLA CAP 63V 0.1UF J
C864
24092347
CERAMIC DISC CK45R 2KV 1500PF K
C865
24092347
CERAMIC DISC CK45R 2KV 1500PF K
C866
24669010
ELECTROLYTIC, 50V 1.0UF M 3A
C867
24591682
PLASTIC FILM, 50V 6800PF J
C868
24668470
ELECTROLYTIC CE04Q 35V 47UF M 3A
C869
24678229
ELECTROLYTIC CE04Q 200 2.2UF M 3A
C870
24820184
PLASTIC FILM CQ92 T 630V R18UF J
C871
24092347
CERAMIC DISC CK45R 2KV 1500PF K
C873
24567224
PLASTIC FILM, 50V 0.22UF J
C874
24435221
CERA CAP SL 500V 221J
C876
24503041
MT PLA CAP 63V 0.1UF J
C877
24092347
CERAMIC DISC CK45R 2KV 1500PF K
C879
24212101
CERAMIC DISK CK45 B 50V 100PF K
C881
24214471
CERAMIC DISK CK45 B 500V 470PF K
C882
24214471
CERAMIC DISK CK45 B 500V 470PF K
C884
24086049
ELECTROLYTIC CE692J 160V 330UF M 3D
C885
24214471
CERAMIC DISK CK45 B 500V 470PF K
C886
24214471
CERAMIC DISK CK45 B 500V 470PF K
C889
24668332
ELECTROLYTIC CE04Q 35V 3300UF M 3A
C891
24082229
PLASTIC FILM, 0.1MFD, 250V
C893
24092335
CERAMIC DISC CK45R 2KV 150PF K
C894
24092335
CERAMIC DISC CK45R 2KV 150PF K
C895
24796471
ELECTROLYTIC CE04G 35V 470UF M
C896
24214471
CERAMIC DISK CK45 B 500V 470PF K
C897
24617044
ELECTROLYTIC, 35V 2200UF M
C898
24503041
MT PLA CAP 63V 0.1UF J
C899
24214471
CERAMIC DISK CK45 B 500V 470PF K
C902
24092353
CERAMIC DISC CK45R 2KV 4700PF K
C904
24436471
CERAMIC DISC CC45 SL 50V470PF J
C905
24436391
CERAMIC DISC CC45 SL 50V390PF J
C907
24436561
CERAMIC DISC CC45 SL 50V560PF J
C909
24679220
ELECTROLYTIC CE04Q 250V 22UF M 3A
C910
24669478
ELECTROLYTIC, 50V 0.47UF M 3A
C911
24203100
ELECTORLYTIC CE04WS 16V 10UF M 7L 3A
C912
24073042
ELECTROLYTIC CE04P 16V 1000UF M 3A
C913
24666102
ELECTROLYTIC, 16V 1000UF M 3A
C918
24503041
MT PLA CAP 63V 0.1UF J
C919
24503041
MT PLA CAP 63V 0.1UF J
C920
24503041
MT PLA CAP 63V 0.1UF J
C921
24503041
MT PLA CAP 63V 0.1UF J
C922
24436390
CERAMIC DISC CC45SL 50V 39PFJ
C923
24794470
ELECTORLYTIC CE04G 16V 47UF M
C924
24794470
ELECTORLYTIC CE04G 16V 47UF M
C925
24794470
ELECTORLYTIC CE04G 16V 47UF M
C931
24214101
CERAMIC DISK CK45 B 500V 100PF K
C2061
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C2102
24105100
CERAMIC CHIP CC73CH 50V 10PF D
C2103
24105100
CERAMIC CHIP CC73CH 50V 10PF D
C2104
24105100
CERAMIC CHIP CC73CH 50V 10PF D
C2110
24109103
CERAMIC CHIP CK73B 50V 10000PF K
C3110
24085988
ELEC. NONPOLAR CE04J 50V 1.0UF M
7L NP
C4030
24109103
CERAMIC CHIP CK73B 50V 10000PF K
C4404
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C4405
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
C4406
24109103
CERAMIC CHIP CK73B 50V 10000PF K
C4407
24766010
ELECTROLYTIC CE04G 50V 1.0UF M
C4408
24109103
CERAMIC CHIP CK73B 50V 10000PF K
C4415
24109472
CERAMIC CHIP CK73B 50V 4700PF K
C4421
24085988
ELEC. NONPOLAR CE04J 50V 1.0UF M
7L NP
C4425
24109222
CERAMIC CHIP CK73B 50V 2200PF K
C4426
24763331
ELECTROLYTIC CE04G 16V 330UF M
C4427
24085988
ELEC. NONPOLAR CE04J 50V 1.0UF M
7L NP
C4461
24539184
PLASTIC FILM CF922 50V 0.18UF
C4463
24567224
PLASTIC FILM, 50V 0.22UF J
C4464
24766010
ELECTROLYTIC CE04G 50V 1.0UF M
C4699
24668222
ELECTROLYTIC CE04Q 35V 2200UF M 3A
C4816
24669010
ELECTROLYTIC, 50V 1.0UF M 3A
C4817
24590102
PLASTIC FILM, 50V 1000PF J
C4818
24503041
MT PLA CAP 63V 0.1UF J
C4819
24567684
PLASTIC FILM, 50V 0.68UF J
C5020
24109103
CERAMIC CHIP CK73B 50V 10000PF K
C5030
24794101
ELECTROLYTIC, 16V 100UF M
C5088
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
C5090
24794101
ELECTROLYTIC, 16V 100UF M
C5280
24105101
CERAMIC CHIP CC73CH 50V 100PF J
C8601
24214103
CERAMIC DISK CK45 B 500V 10000PF K
CA04
24109103
CERAMIC CHIP CK73B 50V 10000PF K
CA05
24109103
CERAMIC CHIP CK73B 50V 10000PF K
CA06
24109392
CERAMIC CHIP CK73B 50V 3900PF K
CA07
24109392
CERAMIC CHIP CK73B 50V 3900PF K
CA23
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CA25
24109103
CERAMIC CHIP CK73B 50V 10000PF K
CA27
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CA28
24085970
ELEC. NONPOLAR CE04J 16V 10UF M
7L NP
CA30
24085970
ELEC. NONPOLAR CE04J 16V 10UF M
7L NP
CA31
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CA33
24100103
CERAMIC CHIP CK73F 50V 10000PF Z
CA34
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CA37
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CA38
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CA39
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CA42
24109392
CERAMIC CHIP CK73B 50V 3900PF K
CA45
24105471
CERAMIC CHIP CC73CH 50V 470pF J
CA46
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CA49
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CA54
24092730
CERAMIC CHIP, 16V 0.1UF K
CA57
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CA60
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CA61
24666220
ELECTROLYTIC, 16V 22UF M 3A
CA69
24109103
CERAMIC CHIP CK73B 50V 10000PF K
CA71
24105331
CERAMIC CHIP CC73CH 50V 330pF J
CA72
24085970
ELEC. NONPOLAR CE04J 16V 10UF M
7L NP
CA73
24666100
ELECTROLYTIC, 10V 10UF M 3A
CA80
24503041
MT PLA CAP 63V 0.1UF J
CA81
24073015
ELECTROLYTIC CE04P 10V 47UF M 3A
CA82
24539474
MT PLA CAP M 50V 474J MUL
CA95
24100103
CERAMIC CHIP CK73F 50V 10000PF Z
CA98
24797220
ELECTROLYTIC CE04G 50V 22UF M
CA251
24073015
ELECTROLYTIC CE04P 10V 47UF M 3A
CA331
24073015
ELECTROLYTIC CE04P 10V 47UF M 3A
CA611
24100103
CERAMIC CHIP CK73F 50V 10000PF Z
CA680
24666100
ELECTROLYTIC, 10V 10UF M 3A
CA701
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CA705
24666100
ELECTROLYTIC, 10V 10UF M 3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com