Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815 Datasheet(PDF) 30 Page - Toshiba Semiconductor

Part # 2SC1815
Description  COLOR TELEVISION N1PS Chassis
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC1815 Datasheet(HTML) 30 Page - Toshiba Semiconductor

Back Button 2SC1815 Datasheet HTML 26Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 27Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 28Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 29Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 30Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 31Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 32Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 33Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 34Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
– 30 –
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
RD117
24366472
CARBON FILM, 1/6W 4.7K OHM J
RD118
24366822
CARBON FILM, 1/6W 8.2K OHM J
RD119
24366822
CARBON FILM, 1/6W 8.2K OHM J
RD120
24366472
CARBON FILM, 1/6W 4.7K OHM J
RJ01
24366103
CARBON FILM, 1/6W 10K OHM J
RJ02
24366102
CARBON FILM, 1/6W 1K OHM J
RJ04
24366102
CARBON FILM, 1/6W 1K OHM J
RJ05
24323479
METAL FILM, 2W 4.7 OHM J
RJ06
24366103
CARBON FILM, 1/6W 10K OHM J
RJ24
24000445
CHIP JUMPER, 1608TYPE
RJ25
24000445
CHIP JUMPER, 1608TYPE
RM16
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RM18
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RM79
24011472
METAL FILM CHIP 1/20W 4.7K J
RM80
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RM82
24011473
METAL FILM CHIP 1/20W 47K J
RM83
24011472
METAL FILM CHIP 1/20W 4.7K J
RR31
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RR90
24011182
METAL FILM CHIP 1/20W 1.8K J
RR91
24011153
CHIP, METAL FILM, 1/2OW 15K OHM J
RR92
24011123
CHIP, METAL FILM, 1/20W 12K OHM J
RR93
24011562
METAL FILM CHIP 1/20W 5.6K J
RR94
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RR95
24011562
METAL FILM CHIP 1/20W 5.6K J
RS02
24011472
METAL FILM CHIP 1/20W 4.7K J
RS04
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RS06
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RS07
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS08
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS09
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RS10
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RS12
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS21
24011104
CHIP, METAL FILM, 1/20W 100K OHM J
RS22
24011104
CHIP, METAL FILM, 1/20W 100K OHM J
RS25
24011223
METAL FILM CHIP 1/20W 22K J
RS26
24011223
METAL FILM CHIP 1/20W 22K J
RS27
24011471
METAL FILM CHIP 1/20W 470 J
RS28
24011471
METAL FILM CHIP 1/20W 470 J
RS29
24011104
CHIP, METAL FILM, 1/20W 100K OHM J
RS30
24011104
CHIP, METAL FILM, 1/20W 100K OHM J
RS31
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS32
24011104
CHIP, METAL FILM, 1/20W 100K OHM J
RS33
24011222
METAL FILM CHIP 1/20W 2.2K J
RS34
24011222
METAL FILM CHIP 1/20W 2.2K J
RS35
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS36
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS37
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RS40
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RS42
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RS48
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RS49
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS51
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS52
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS53
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS54
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS101
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RS102
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RS103
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS104
24011104
CHIP, METAL FILM, 1/20W 100K OHM J
RS105
24011332
METAL FILM CHIP 1/20W 3.3K J
RS107
24011473
METAL FILM CHIP 1/20W 47K J
RS108
24011473
METAL FILM CHIP 1/20W 47K J
RS109
24011472
METAL FILM CHIP 1/20W 4.7K J
RS110
24011471
METAL FILM CHIP 1/20W 470 J
RS111
24011222
METAL FILM CHIP 1/20W 2.2K J
RS112
24011223
METAL FILM CHIP 1/20W 22K J
RS113
24011472
METAL FILM CHIP 1/20W 4.7K J
RS114
24011471
METAL FILM CHIP 1/20W 470 J
RS115
24011222
METAL FILM CHIP 1/20W 2.2K J
RS116
24011273
METAL FILM CHIP 1/20W 27K J
RS120
24366271
CARBON FILM, 1/6W 270 OHM J
RS121
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS122
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS123
24011473
METAL FILM CHIP 1/20W 47K J
RS124
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RS125
24011122
CHIP, METAL FILM, 1/20W 1.2K OHM J
RS651
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RS652
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RS657
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS658
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS659
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS660
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS665
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RS671
24000445
CHIP JUMPER, 1608TYPE
RS672
24011273
METAL FILM CHIP 1/20W 27K J
RS673
24000445
CHIP JUMPER, 1608TYPE
RS674
24011273
METAL FILM CHIP 1/20W 27K J
RS675
24011223
METAL FILM CHIP 1/20W 22K J
RS676
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RV01
24011472
METAL FILM CHIP 1/20W 4.7K J
RV03
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RV04
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RV11
24011100
CHIP, METAL FILM, 1/20W 10 OHM J
RV12
24011100
CHIP, METAL FILM, 1/20W 10 OHM J
RV13
24011100
CHIP, METAL FILM, 1/20W 10 OHM J
RV15
24011222
METAL FILM CHIP 1/20W 2.2K J
RV17
24366750
CARBON FILM, 1/6W 75 OHM J
RV18
24366750
CARBON FILM, 1/6W 75 OHM J
RV19
24366332
CARBON F1LM, 1/6W 3.3K OHM J
RV24
24011750
METAL FILM CHIP 1/20W 75 J
RV25
24011750
METAL FILM CHIP 1/20W 75 J
RV26
24011750
METAL FILM CHIP 1/20W 75 J
RV30
24011182
METAL FILM CHIP 1/20W 1.8K J
RV31
24011332
METAL FILM CHIP 1/20W 3.3K J
RV56
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RV63
24011102
CHIP, METAL FILM, 1/20W 1K OHM J
RV64
24011750
METAL FILM CHIP 1/20W 75 J
RV65
24011750
METAL FILM CHIP 1/20W 75 J
RV67
24011750
METAL FILM CHIP 1/20W 75 J
RV72
24011221
METAL FILM CHIP 1/20W 220 J
RV74
24011750
METAL FILM CHIP 1/20W 75 J
RV78
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RV79
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RV83
24011332
METAL FILM CHIP 1/20W 3.3K J
RV84
24011750
METAL FILM CHIP 1/20W 75 J
RV89
24011620
METAL FILM CHIP 1/20W 62 J
RV90
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RV91
24011392
METAL FILM CHIP 1/20W 3.9K J
RV92
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RV93
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RV94
24011392
METAL FILM CHIP 1/20W 3.9K J
RV95
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RV96
24011103
CHIP, METAL FILM, 1/20W 10K OHM J
RV97
24011392
METAL FILM CHIP 1/20W 3.9K J
RV98
24011101
CHIP, METAL FILM, 1/20W 100 OHM J
RV111
24011100
CHIP, METAL FILM, 1/20W 10 OHM J
RV117
24011750
METAL FILM CHIP 1/20W 75 J
RV118
24011750
METAL FILM CHIP 1/20W 75 J
RV119
24011750
METAL FILM CHIP 1/20W 75 J
RV120
24366750
CARBON FILM, 1/6W 75 OHM J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com