Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815 Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # 2SC1815
Description  COLOR TELEVISION
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC1815 Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button 2SC1815 Datasheet HTML 20Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 21Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 22Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 23Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 24Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 25Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 26Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 27Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
– 24 –
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
CX301
24619151
MENJISSOU TYP 6.3V470U
CX302
24619151
MENJISSOU TYP 6.3V470U
CX303
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX304
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX305
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX306
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX307
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX308
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX309
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX310
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX311
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX312
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX313
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX314
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX315
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX316
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX317
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX318
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX319
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX320
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX321
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX322
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX323
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX324
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX325
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX326
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX327
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX328
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX329
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX330
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX331
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX332
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX340
24619148
MENNJISSOU TYP 6.3V100U
CX341
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX342
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX343
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX344
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX345
24092730
CERAMIC CHIP, 16V 0.1UF K
CX346
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX347
24092730
CERAMIC CHIP, 16V 0.1UF K
CX348
24092730
CERAMIC CHIP, 16V 0.1UF K
CX349
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX350
24092730
CERAMIC CHIP, 16V 0.1UF K
CX351
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CX352
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CX361
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX362
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX363
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX364
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX365
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX366
24619040
ELEC. CHIP CE24W 16V 10UF M 3A
CX367
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX368
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX369
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX370
24619151
MENJISSOU TYP 6.3V470U
CX371
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX372
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX373
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX374
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX375
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX376
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX377
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX381
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX382
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX383
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX384
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX385
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX386
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX387
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX391
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX431
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX432
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX471
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX473
24092538
CERAMIC CHIP CK73F 10V 1UF Z
CX511
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX521
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX531
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX552
24105820
CERAMIC CHIP CC73CH 50V 82PF J
CX553
24105270
CERAMIC CHIP CC73CH 50V 27PF J
CX554
24105560
CERAMIC CHIP CC73CH 50V 56PF J
CX555
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX562
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CX564
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CX565
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX572
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CX574
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CX575
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CX811
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CX812
24105330
CERAMIC CHIP CC73CH 50V 33PF J
CX821
24105100
CERAMIC CHIP CC73CH 50V 10PF D
CX822
24105100
CERAMIC CHIP CC73CH 50V 10PF D
CX823
24105100
CERAMIC CHIP CC73CH 50V 10PF D
CX824
24105221
CERAMIC CHIP CC73CH 50V 220PF J
CX825
24105221
CERAMIC CHIP CC73CH 50V 220PF J
CX826
24105221
CERAMIC CHIP CC73CH 50V 220PF J
CX827
24105221
CERAMIC CHIP CC73CH 50V 220PF J
CX829
24105221
CERAMIC CHIP CC73CH 50V 220PF J
CX844
24105221
CERAMIC CHIP CC73CH 50V 220PF J
CX845
24105221
CERAMIC CHIP CC73CH 50V 220PF J
CY21
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY22
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY23
24619158
MENJISSOU TYP 16V220U
CY23
24797100
ELECTROLYTIC CE04G 50V 10UF M
CY24
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY25
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY26
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY27
24092730
CERAMIC CHIP, 16V 0.1UF K
CY28
24092730
CERAMIC CHIP, 16V 0.1UF K
CY29
24092730
CERAMIC CHIP, 16V 0.1UF K
CY32
24619151
MENJISSOU TYP 6.3V470U
CY33
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY35
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY36
24105120
CERAMIC CHIP CC73CH 50V 12PF J
CY37
24105120
CERAMIC CHIP CC73CH 50V 12PF J
CY38
24105120
CERAMIC CHIP CC73CH 50V 12PF J
CY39
24092463
CERAMIC CHIP CK732B 16V R22UF K
CY40
24109222
CERAMIC CHIP CK73B 50V 2200PF K
CY41
24109103
CERAMIC CHIP CK73B 50V 10000PF K
CY42
24619071
MENNJISSOU, 2.2U UWX1H2R2MCR1
CY43
24092463
CERAMIC CHIP CK732B 16V R22UF K
CY44
24619071
MENNJISSOU, 2.2U UWX1H2R2MCR1
CY45
24109223
CERAMIC CHIP CK73B 25V 22000PF K
CY105
24105221
CERAMIC CHIP CC73CH 50V 220PF J
CY186
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY501
24619157
MENJISSOU TYP 16V100U
CY505
24109103
CERAMIC CHIP CK73B 50V 10000PF K
CY601
24619046
MENNJISSOU, 470U UWX1C470MCR1
CY602
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY603
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CY604
24100104
CERAMIC CHIP CK73F 25V 100000PF Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com