Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KXW Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # KXW
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

KXW Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  KXW Datasheet HTML 1Page - RUBYCON CORPORATION KXW Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE, RATED RIPPLE CURRENT
Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
KXW
Please check with us about individual WV, Cap., size and dimensions.
◆DIMENSIONS
(mm)
L+α MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE
10×30 0.40
10×35 0.46
10×40 0.53
12.5×30
12.5×35
12.5×40
0.62
0.70
0.80 14.5×30
14.5×35
16×30
16×35
16×40
18×30
18×35
18×40
18×45
0.80
0.87
0.87
1.01
1.13
1.01
1.13
1.27
1.39
10×30 0.24
10×35 0.28
10×40 0.32
0.37
0.42
0.48
12.5×30
12.5×35
12.5×40
14.5×30
14.5×35
14.5×40
16×30
16×35
16×40
18×30
18×40
18×45
0.48
0.52
0.58
0.58
0.67
0.77
0.67
0.77
0.88
1.00
18×35
WV
Cap(μF)
56
68
82
100
120
150
18
22
27
33
39
47
10×30 0.20
10×35 0.23
10×40 0.27
0.31
0.36
0.43
12.5×30
12.5×35
12.5×40
14.5×30
14.5×35
14.5×40
16×30
16×35
16×40
18×35
18×40
0.43
0.51
0.57
0.51
0.57
0.61
0.61
0.66
0.71
18×30
10×30 0.18
10×35 0.21
10×40 0.25
0.28
0.32
0.38
12.5×30
12.5×35
12.5×40
14.5×30
14.5×35
14.5×40
16×30
16×35
16×40
18×40
18×45
0.38
0.44
0.49
0.44
0.49
0.55
0.65
0.74
0.80
18×35
0.55
18×30
φD
φ10
φ12.5
φ14.5
φ16
φ18
420
φ10
φ12.5
φ14.5
φ16
φ18
450
WV
Cap(μF)
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
φD
φ10
φ12.5
φ14.5
φ16
φ18
200
φ10
φ12.5
φ14.5
φ16
φ18
400
φD
φd
F
α
10
12.5
0.6
5.0
14.5
18
16
0.8
7.5
2.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com