Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBA Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # MMBA
Description  METALLIZED POLYESTER FILM CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MMBA Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  MMBA Datasheet HTML 1Page - RUBYCON CORPORATION MMBA Datasheet HTML 2Page - RUBYCON CORPORATION MMBA Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
METALLIZED POLYESTER FILM CAPACITORS
MMBA
◆PERMISSIBLE CURRENT FOR FREQUENCY
0
1
2
3
4
5
10
100
1000
105
474
224
104
473
223
103
Frequency(kHz)
125MMBA
0
1
2
3
4
5
10
100
1000
Frequency(kHz)
250MMBA
105
474
224
104
473
223
103



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com