Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LSW56000M51X83 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 25LSW56000M51X83
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

25LSW56000M51X83 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  25LSW56000M51X83 Datasheet HTML 1Page - RUBYCON CORPORATION 25LSW56000M51X83 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WV
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
82000
100000
120000
150000
180000
220000
270000
330000
390000
470000
560000
680000
36×50
3.0
36×63
3.3
36×83
3.6
36×83
3.9
36×83
4.3
36×98
5.1
36×118
5.8
51×83
7.0
51×83
7.6
51×98
7.7
51×118
9.0
64×99
10.1
64×119
11.6
64×139
13.5
77×101
15.8
77×121
17.0
77×141
20.4
77×151
21.5
90×151
22.3
36×50
3.2
36×63
3.5
36×63
3.8
36×83
4.3
36×83
4.7
36×98
5.6
36×118
6.4
51×83
7.5
51×83
7.5
51×98
8.7
51×118
10.3
64×99
11.2
64×119
12.9
64×139
15.2
77×101
16.0
77×121
17.7
77×141
21.5
90×141
22.4
36×50
3.6
36×63
3.9
36×83
4.2
36×83
5.0
36×98
5.5
36×98
5.7
36×118
7.5
51×83
7.5
51×98
9.3
51×98
9.4
51×118
11.7
64×99
12.4
64×119
15.1
77×101
15.5
77×101
16.3
77×121
19.1
77×141
23.4
90×141
23.7
36×50
2.8
36×50
2.5
36×50
3.8
36×63
4.3
36×83
4.7
36×83
5.1
36×98
6.6
36×118
6.7
51×83
7.1
51×83
8.4
51×98
9.9
51×98
10.3
51×118
11.4
64×99
12.5
64×119
15.5
77×101
15.5
77×121
17.9
77×141
20.0
77×151
24.1
90×141
26.5
36×50
4.2
36×50
4.0
36×63
4.6
36×83
5.2
36×83
5.4
36×98
6.5
36×98
7.5
36×118
8.9
51×83
10.0
51×98
10.7
51×98
12.0
51×118
13.1
64×99
13.7
64×119
16.4
77×101
16.7
77×121
20.5
77×141
21.3
36×63
5.0
36×83
5.2
36×83
5.8
36×98
6.8
36×98
6.9
36×118
8.4
51×83
8.4
51×98
11.3
51×98
11.4
51×118
12.5
64×99
14.2
64×119
16.6
77×101
17.5
36×63
5.5
36×50
4.4
36×63
6.0
36×83
6.6
36×83
7.5
36×98
7.6
36×118
9.0
51×83
10.2
51×83
11.0
51×98
13.4
51×118
14.0
64×99
14.5
64×119
16.0
77×101
18.0
77×101
19.5
77×121
24.3
77×121
20.0
77×141
24.1
90×141
26.5
77×141
25.2
77×151
26.7
90×141
29.1
77×151
26.0
90×141
27.2
10V
16V
25V
35V
50V
63V
80V
◆STANDARD SIZE, RATED RIPPLE CURRENT
Cap(μF)
WV
330
270
220
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
36×50
1.0
36×63
1.0
36×63
1.2
36×83
1.4
36×98
1.5
36×98
1.7
51×83
2.3
51×98
2.4
51×118
2.7
51×118
3.0
64×99
3.5
64×119
3.6
77×101
4.1
77×121
4.8
77×141
5.7
90×141
6.7
90×141
7.4
36×50
0.9
36×50
1.0
36×63
1.2
36×83
1.3
36×83
1.5
36×98
1.7
36×98
1.9
36×118
2.1
51×98
2.5
51×98
2.7
51×118
3.3
64×99
3.8
64×119
4.6
77×101
4.6
77×121
5.3
77×141
6.2
90×141
7.4
90×141
8.1
36×50
1.2
36×50
1.0
36×63
1.3
36×83
1.5
36×83
1.6
36×98
1.9
36×118
2.2
51×83
2.3
51×98
2.7
51×98
3.1
51×118
3.6
64×99
4.2
64×119
4.3
77×101
4.9
77×121
5.8
77×141
7.3
77×121
6.3
90×141
8.9
36×50
1.3
36×63
1.6
36×83
1.7
36×83
1.9
36×98
2.3
36×98
2.4
36×118
2.9
36×118
3.0
51×98
3.8
51×118
4.5
64×99
5.2
64×119
5.2
64×119
5.7
77×101
6.4
77×121
7.6
77×141
8.3
90×141
9.9
90×141
10.8
36×50
1.5
36×50
1.4
36×50
1.4
36×83
1.9
36×83
2.2
36×83
2.3
36×98
2.9
36×98
2.9
36×118
3.3
51×83
3.8
51×98
4.7
51×118
5.4
64×99
6.2
64×99
6.3
64×119
7.3
77×101
8.5
77×121
9.5
77×141
10.5
90×141
12.5
36×63
1.9
36×83
2.6
36×83
2.3
36×83
2.6
36×98
3.2
36×118
3.2
36×118
3.7
51×98
4.3
51×98
4.8
51×118
5.5
64×99
6.3
64×119
7.1
77×101
7.9
77×121
9.0
36×50
2.9
36×63
3.4
36×83
3.9
36×83
4.2
36×83
4.6
36×98
4.9
36×118
5.5
51×83
6.2
51×98
6.7
51×98
7.3
51×118
8.6
64×99
8.9
64×119
10.3
64×139
12.1
77×121
14.1
77×141
16.5
77×141
11.3
77×141
18.3
90×141
19.2
90×151
20.1
90×141
13.0
90×141
14.3
90×141
13.3
100V
160V
200V
250V
315V
350V
400V
Cap(μF)
Ripple Current (A r.m.s./120Hz, 105℃)
Please notice the following conditions for use.
(1)Maximum screw terminal tightening torque; 33kgÆcm or less.
(2)Maximum ripple current shall be 50Arms or less because of the rated current of M5 screw terminal.
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSW
Case Size φD×L(mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com