Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC567 Datasheet(PDF) 1 Page - Picker Components

Part # PC567
Description  Ultraminiature Automotive PCB Twin Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC567 Datasheet(HTML) 1 Page - Picker Components

  PC567 Datasheet HTML 1Page - Picker Components PC567 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultraminiature Automotive PCB Twin Power Relay
FEATURES
Ultraminiature design very light weight
Sensitive Coil (low pull in voltage) available
Sealed, immersion cleanable
Contact switching capacity up to 30 Amps
Up to105 degrees C operating temperature
PC567
Max. Switching Voltage
16 VDC
CONTACT RATINGS
CHARACTERISTICS
Operate Time
2.5 ms. typical (no coil suppression)
Release Time
Insulation Resistance
1.2 ms. typical (no coil suppression)
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
1000 Vrms, 1 min. between coil and contacts
Shock Resistance
30 g, 6 ms, functional; 100 g, destructive
Vibration Resistance
6g, 10 - 500 Hz
Power Consumption
0.64 W and 0.80 W
Ambient Temperature Range
-40 to 85 degrees C or -40 to 105 degrees C operating
Weight
4.1 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC567 Rev B 4-14-04
PAGE 1
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnO (Silver Tin Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 106
1 X 10 5
Operations
Operations
Contact Form
Max Switching Current
25 Amps at 14 VDC
30 Amps
25 Amps
Max. Continuous Current
Max. Switching Power
480 W
Drop Resistance
1 Meter height drop on concrete
Motor Locked Rotor
ORDERING INFORMATION
Example:
PC567
Model
-2C
Contact Form
Coil Power
-12
Nil: 0.64 W; H: Sensitive 0.80 W
Coil Voltage
H
2A or 2C
Ambient Temperature Rating
Nil: 85 Degrees C; F: 105 Degrees C
F
2 X Form A or 2 X Form C
2 X SPST NO or 2 X SPDT


Similar Part No. - PC567

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC567 PICKER-PC567 Datasheet
225Kb / 2P
Ultraminiat ure Au tomotive PCB Twin Power Relay
PC567 PICKER-PC567_14 Datasheet
225Kb / 2P
Ultraminiat ure Au tomotive PCB Twin Power Relay
PC567 PICKER-PC567_17 Datasheet
328Kb / 2P
Ultraminiature Automotive PCB Twin Relay
More results

Similar Description - PC567

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC566 PICKER-PC566 Datasheet
136Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC615 PICKER-PC615 Datasheet
178Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC619 PICKER-PC619 Datasheet
190Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC537 PICKER-PC537 Datasheet
179Kb / 2P
Ultraminiature Automotive PCB Power Relay
PC549 PICKER-PC549 Datasheet
163Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC565 PICKER-PC565 Datasheet
131Kb / 2P
Ultraminiature Automotive PCB Power Relay
logo
DB Lectro Inc
HG4520 DBLECTRO-HG4520 Datasheet
41Kb / 2P
Automotive Ultraminiature PCB Power Relay
logo
Picker Components
PC549 PICKER-PC549_17 Datasheet
733Kb / 3P
Ultraminiature Automotive PCB Twin Power Relay
PC565 PICKER-PC565_17 Datasheet
349Kb / 2P
Ultraminiature Automotive PCB Power Relay
PC567 PICKER-PC567_17 Datasheet
328Kb / 2P
Ultraminiature Automotive PCB Twin Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com