Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG107 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9FG107
Description  Programmable FTG for Differential CPU, PCI Express & SATA Clocks
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG107 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9FG107 Datasheet HTML 1Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 2Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 3Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 4Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS9FG107
0863C—11/22/04
Pin Description
PIN
#
PIN NAME
PIN TYPE
DESCRIPTION
1
XIN/CLKIN
IN
Crystal input or Reference Clock input
2
X2
OUT
Crystal output, Nominally 14.318MHz
3
VDD
PWR
Power supply, nominal 3.3V
4
GND
PWR
Ground pin.
5
*FS2/REFOUT
I/O
Frequency select latch input pin / Reference clock output
6
GND
PWR
Ground pin.
7
*FS0/PCICLK_F
I/O
Frequency select latch input pin / 3.3V PCI free running clock output.
8
PCICLK0
OUT
PCI clock output.
9
PCICLK1
OUT
PCI clock output.
10
VDD
PWR
Power supply, nominal 3.3V
11
**OE_6
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
12
DIF_6
OUT
0.7V differential true clock outputs
13
DIF_6#
OUT
0.7V differential complement clock outputs
14
VDD
PWR
Power supply, nominal 3.3V
15
GND
PWR
Ground pin.
16
**OE_5
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
17
DIF_5
OUT
0.7V differential true clock outputs
18
DIF_5#
OUT
0.7V differential complement clock outputs
19
VDD
PWR
Power supply, nominal 3.3V
20
DIF_4
OUT
0.7V differential true clock outputs
21
DIF_4#
OUT
0.7V differential complement clock outputs
22
*OE_4
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
23
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
24
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com