Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC617 Datasheet(PDF) 2 Page - Picker Components

Part # PC617
Description  Automotive Twin PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC617 Datasheet(HTML) 2 Page - Picker Components

  PC617 Datasheet HTML 1Page - Picker Components PC617 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC617
PC617
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
Dimensions in Inches (millimeters) drawings are 2 X scale
REFERENCE CURVES
(2.1)
.083
(8.89)
.350
(5.08)
.200
(5.08)
.200
(4.0)
.157
(5.08)
.200
(5.08)
.200
2 Form A
2 Form B
2 Form C
2 Form U
2 Form V
2 Form W
(29.6)
1.165
(18)
.709
(20)
.787
(2.4)
.094
ORDERING INFORMATION
Example:
PC617
Model
-2C
Contact Form
Contact Material
-12
Nil: AgSnO; C: AgCdO; T: AgSnOInO
Coil Voltage
S
Nil: Open Frame; S: Sealed; C: Dust Cover
Enclosure
T
2A, 2B, 2C, 2U, 2V or 2W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com