Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC619 Datasheet(PDF) 2 Page - Picker Components

Part # PC619
Description  Ultraminiature Automotive PCB Twin Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC619 Datasheet(HTML) 2 Page - Picker Components

  PC619 Datasheet HTML 1Page - Picker Components PC619 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC619
PC619
COIL DATA
Coil Voltage
12
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
225
_
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
6.8
1.2
14.4
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
(22.5)
.886
(16.5)
.650
(16.5)
.650
(3.9)
.153
Typical Schematic
Motor on, off, Fwd. & Rev.
Note: Custom coil voltages are available on special order.
(6.35)
.250
(12.7)
.500
(7.62)
.300
(5.08)
.200
(2.54)
.100
(5.08)
.200
(3.81)
.150
PC Board Layout
Wiring Diagram
Bottom View
+12VDC
Coil B
+12VDC
Coil A
+12VDC
MOTOR
(17.78)
.700



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com