Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC635 Datasheet(PDF) 1 Page - Picker Components

Part # PC635
Description  Subminiature Automotive PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC635 Datasheet(HTML) 1 Page - Picker Components

  PC635 Datasheet HTML 1Page - Picker Components PC635 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Subminiature Automotive PCB Power Relay
FEATURES
Subminiature design
1C (SPDT) and 1U (SPST-NO DM) contact forms available
Low Coil power consumption
Contact switching capacity up to 30 Amps
85 degrees C operating temperature
Industry standard 1/2 size terminal layout
PC635
Max. Switching Voltage
16 VDC
1 Form A or 1 Form C
CONTACT RATINGS
CHARACTERISTICS
Operate Time
10 ms. typical
Release Time
Insulation Resistance
5 ms. typical
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
1250 Vrms, 1 min. between coil and contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5 mm, 10 - 55 Hz
Power Consumption
0.69 W
Ambient Temperature Range
-30 to 85 degrees C operating, -40 to 100 storage
Weight
6 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC635 Rev A 5-28-04
PAGE 1
Sealed, immersion cleanable
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnO (Silver Tin Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 10 5
Operations
Operations
SPST NO or SPDT
Contact Form
Max Switching Current
Break 20 Amps
Make 30 Amps
30 A at 20 degrees C for 1 hr.
AgCdO (Silver Cadmium Oxide)
Max. Continuous Current
Minimum Load
0.1 A @ 12 VDC
Drop Resistance
1 Meter height drop on concrete
ORDERING INFORMATION
Example:
PC635
Model:
-12
Coil Voltage:
Enclosure:
-1C
S: Sealed, C: Dust Cover
Contact Form:
F
Nil: AgCdO, T: AgSnO
Contact Material:
-G
1C or 1U


Similar Part No. - PC635

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC635 PICKER-PC635_14 Datasheet
255Kb / 2P
Subminiature Automotive PCB Power Re lay
More results

Similar Description - PC635

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G8SN ETC-G8SN Datasheet
39Kb / 2P
SubMiniature Automotive PCB Relay
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
HG4181 ETC1-HG4181 Datasheet
53Kb / 2P
Automotive Subminiature PCB Power Relay
logo
Picker Components
PC236A PICKER-PC236A Datasheet
178Kb / 2P
Subminiature Automotive PCB Power Relay
PC517 PICKER-PC517 Datasheet
196Kb / 2P
Automotive Subminiature PCB Power Relay
PC558 PICKER-PC558 Datasheet
174Kb / 2P
Subminiature Automotive PCB Twin Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
Picker Components
PC517 PICKER-PC517_14 Datasheet
205Kb / 2P
Automotive Subminiature PCB Power Relay
PC517 PICKER-PC517_17 Datasheet
582Kb / 2P
Automotive Subminiature PCB Power Relay
logo
Sanyou Corporation Limi...
SARK SANYOU-SARK Datasheet
212Kb / 3P
Subminiature PCB Automotive Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com