Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPH Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # MPH
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MPH Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  MPH Datasheet HTML 1Page - RUBYCON CORPORATION MPH Datasheet HTML 2Page - RUBYCON CORPORATION MPH Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
◆DIMENTIONS AND QUANTITY
METALLIZED POLYPROPYLENE FILM CAPACITORS MPH
◆RATED VOLTAGE:250VDC
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
250MPH104 **
250MPH124 **
250MPH154 **
250MPH184 **
250MPH224 **
250MPH274 **
250MPH334 **
250MPH394 **
250MPH474 **
250MPH564 **
250MPH684 **
250MPH824 **
250MPH105 **
250MPH125 **
250MPH155 **
250MPH185 **
250MPH225 **
250MPH275 **
250MPH335 **
250MPH395 **
250MPH475 **
250MPH565 **
250MPH685 **
250MPH825 **
250MPH106 **
cap(μF)
AB
C
F±1.0 LS±0.5
d
Bag
Carton
A
B, D
C
E
10.5
10.5
10.5
10.5
10.5
10.5
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
18.0
18.0
18.0
18.0
18.0
18.0
23.5
23.5
23.5
23.5
7.0
8.0
8.5
9.0
8.5
8.5
9.0
8.0
9.0
10.0
11.0
12.0
13.0
14.5
15.0
13.0
14.0
16.0
17.0
18.5
20.5
18.5
19.5
22.0
24.5
13.5
14.0
15.0
15.5
14.5
16.5
17.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
24.0
21.0
21.5
23.5
27.0
28.0
29.5
28.0
30.5
32.5
34.0
7.5
7.5
7.5
7.5
7.5
7.5
7.5
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
20.0
20.0
20.0
20.0
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
20.0
20.0
20.0
20.0
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
100
100
100
100
100
100
100
100
100
200
200
200
200
200
200
200
100
100
100
100
100
100
100
100
100
3,000
2,000
2,000
2,000
2,000
2,000
1,000
2,000
1,000
1,000
1,000
1,000
1,000
800
800
800
500
500
500
500
500
500
500
500
500
S
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
Long Lead type
Taping Ammo pack type - style
: Tolerance(H:±3%,J:±5%,K:±10%)  **:Suffix
◆RATED VOLTAGE:450VDC
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
450MPH104 **
450MPH124 **
450MPH154 **
450MPH184 **
450MPH224 **
450MPH274 **
450MPH334 **
450MPH394 **
450MPH474 **
450MPH564 **
450MPH684 **
450MPH824 **
450MPH105 **
450MPH125 **
450MPH155 **
450MPH185 **
450MPH225 **
450MPH275 **
450MPH335 **
450MPH395 **
450MPH475 **
cap(μF)
AB
C
F±1.0 LS±0.5
d
Bag
Carton
A
B, D
C
E
10.5
10.5
13.0
13.0
13.0
13.0
13.0
13.0
13.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
23.5
23.5
23.5
23.5
8.5
9.0
8.0
9.0
9.5
10.5
11.5
12.5
13.5
11.0
12.5
13.5
14.5
15.5
17.5
19.0
21.0
19.0
21.0
23.0
25.0
14.5
15.5
14.5
15.0
16.0
18.0
19.0
19.5
21.0
18.5
19.5
20.5
22.0
24.5
26.0
27.5
31.0
29.0
32.0
34.0
37.0
7.5
7.5
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
20.0
20.0
20.0
20.0
5.0/7.5
5.0/7.5
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
20.0
20.0
20.0
20.0
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
100
100
100
100
100
200
200
200
200
200
200
200
100
100
100
100
100
100
100
100
100
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
800
800
500
500
500
500
500
500
500
500
500
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
Long Lead type
Taping Ammo pack type - style
: Tolerance(H:±3%,J:±5%,K:±10%)  **:Suffix
S
TC
TX, TH TL, TJ
TN
TS
TC
TX, TH TL, TJ
TN
TS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com