Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCF341 Datasheet(PDF) 2 Page - International Rectifier

Part # IRMCF341
Description  High Performance Appliance Motor Control IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF341 Datasheet(HTML) 2 Page - International Rectifier

  IRMCF341 Datasheet HTML 1Page - International Rectifier IRMCF341 Datasheet HTML 2Page - International Rectifier IRMCF341 Datasheet HTML 3Page - International Rectifier IRMCF341 Datasheet HTML 4Page - International Rectifier IRMCF341 Datasheet HTML 5Page - International Rectifier IRMCF341 Datasheet HTML 6Page - International Rectifier IRMCF341 Datasheet HTML 7Page - International Rectifier IRMCF341 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRMCF341
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
2
1 Overview
IRMCF341 is a new International Rectifier integrated circuit device primarily designed as a one-
chip solution for complete inverter controlled appliance motor control applications. Unlike a
traditional microcontroller or DSP, the IRMCF341 provides a built-in closed loop sensorless
control algorithm using the unique Motion Control Engine (MCETM) for permanent magnet
motors. The MCETM consists of a collection of control elements, motion peripherals, a dedicated
motion control sequencer and dual port RAM to map internal signal nodes. IRMCF341 also
employs a unique single shunt current reconstruction circuit to eliminate additional analog/digital
circuitry and enables a direct shunt resistor interface to the IC. Motion control programming is
achieved using a dedicated graphical compiler integrated into the MATLAB/SimulinkTM
development environment. Sequencing, user interface, host communication, and upper layer
control tasks can be implemented in the 8051 high-speed 8-bit microcontroller. The 8051
microcontroller is equipped with a JTAG port to facilitate emulation and debugging tools. Figure 1
shows a typical application schematic using the IRMCF341.
IRMCF341 contains 48K bytes of program RAM, which can be loaded from external EEPROM
for 8051 program execution. The IRMCF341 is intended for development purposes. For high
volume production, the program RAM is replaced with 64K bytes of OTP ROM. Both the
development and ROM versions come in a 64-pin QFP package with identical pin configuration to
facilitate PC board layout and transition to mass production.
IRMCF341
Multiple
Output
Power
Supply
HVIC
Gate Drive
&
Protection
Circuit
Up to 24 Digital
Input/Output
I2C Interface
to EEPROM
7 Analog Input
Appliance Inverter
3.3
V
1.8
V
Passive
EMI
Filter
UART interface
to Front Panel
PMSM
Figure 1. Typical Application Block Diagram Using IRMCF341



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com