Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC458 Datasheet(PDF) 1 Page - Picker Components

Part # PC458
Description  Ultra Slim Inline Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC458 Datasheet(HTML) 1 Page - Picker Components

  PC458 Datasheet HTML 1Page - Picker Components PC458 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultra Slim Inline Relay
FEATURES
Handles from signal level to 5 amps
1 Form A contact form
SIL terminal pattern
Ultra Slim, 5 MM package
Terminals on 1/10 in grid pattern
2 Kv dielectric between coil and contacts
PC458
Load Type
General Use
3A or 5A at 30VDC / 250VAC
All Forms
UL/CSA RATINGS
CHARACTERISTICS
Operate Time
6 ms. Max.
Release Time
Insulation Resistance
3 ms. Max.
1000 megohms min, at 500VDC, 50%RH
Dielectric Strength
2000 Vrms, 1 min. between coil and contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 2.5 mm, 10 - 55 Hz
Power Consumption
.12W
Ambient Temperature Range
-40 to 70 C operating for class B, -40 to 130 C storage
Weight
3 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC458 Rev C 4-5-04
PAGE 1
ORDERING INFORMATION
Sealed, immersion cleanable
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO+Au (Silver Cad Oxide Gold Clad)
100 milliohms max @ 0.1A, 6VDC
2 X 107
1 X 105
Operations
Operations
All Contacts
Resistive
3A or 5A at 30VDC / 250VAC
Minimum Load
0.1 mA @ 0.1 VDC
1000 Vrms, 1 min. between open contacts
File # E86876
AgCdO (Silver Cadmium Oxide)
Example:
PC458
Model
-1A
1A
-12
Enclosure
S: Sealed; C: Flux Free
Contact Form
Coil Voltage
S
-5
Contact Rating
3: 3 AMP; 5: 5 AMP


Similar Part No. - PC458

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC458 PICKER-PC458_14 Datasheet
183Kb / 2P
Ultra Slim Inline Relay
PC458 PICKER-PC458_17 Datasheet
183Kb / 2P
Ultra Slim Inline Relay
More results

Similar Description - PC458

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC563 PICKER-PC563 Datasheet
167Kb / 2P
Ultra Slim 5 Amp Relay
PC457 PICKER-PC457 Datasheet
208Kb / 2P
Ultra Slim Inline Relay
logo
fujitsu semiconductor
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Omron Electronics LLC
G9SB-2002-A OMRON-G9SB-2002-A Datasheet
774Kb / 10P
Ultra Slim Safety Relay Unit
G6J-2FS OMRON-G6J-2FS Datasheet
346Kb / 12P
Ultra-compact and Slim DPDT Relay
G6J2FSY OMRON-G6J2FSY Datasheet
346Kb / 12P
Ultra-compact and Slim DPDT Relay
logo
Picker Components
PC457 PICKER-PC457_14 Datasheet
161Kb / 2P
Ultra Slim Inline Relay
PC458 PICKER-PC458_14 Datasheet
183Kb / 2P
Ultra Slim Inline Relay
PC457 PICKER-PC457_17 Datasheet
790Kb / 2P
Ultra Slim Inline Relay
PC458 PICKER-PC458_17 Datasheet
183Kb / 2P
Ultra Slim Inline Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com