Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC466 Datasheet(PDF) 2 Page - Picker Components

Part # PC466
Description  Ultra Slim Minature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC466 Datasheet(HTML) 2 Page - Picker Components

  PC466 Datasheet HTML 1Page - Picker Components PC466 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC466
PC466
COIL DATA
Coil Voltage
5
24
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
125
720
2880
8.4
16.8
1.2
2.4
13.2
26.4
_
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
3.5
0.5
5.5
12
4 Places
.051 (1.3) Dia.
Wiring Diagram
Bottom View
PC Hole Layout
Bottom View
(12.5)
.492
(17.5)
.689
(3.5)
.138
Dimensions in Inches (millimeters)
Side View
End View
Drawings are 2X actual size
(5.0)
.020
(6.5)
.244
(7.62)
.30
(2.54)
.10
.20
(5.08)
0.1 (2.54) Grid Pattern
.20
(5.08)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com