Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC537 Datasheet(PDF) 2 Page - Picker Components

Part # PC537
Description  Ultraminiature Automotive PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC537 Datasheet(HTML) 2 Page - Picker Components

  PC537 Datasheet HTML 1Page - Picker Components PC537 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC537
PC537
COIL DATA
Coil Voltage
6
12
24
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
64
181
254
5.7
6.9
1.25
1.5
22.7
27.2
_
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
Contact Form C shown
On Contact Form A Unused Pin is Omitted
3.5
0.75
13.6
10
1000
14.0
3.0
54.4
Maximum make current refers to inrush of a lamp load
In 85 degree C ambient reduce maximum coil voltage to 72%
Wiring Diagram
Bottom View
(9.9)
.390
(12.0)
.472
(12.9)
.508
(3.2)
.126
Dimensions in Inches (millimeters)
Side View
End View
Drawings are 2X actual size
(2.2)
.087
(7.2)
.283
(3)
.12
(1.35)
.053
(8.0)
.315
(7.0)
.275
(3.6)
.142
(1.7)
.07
3 Places
.071 (1.8) Dia.
Bottom View
PC Board Layout
.043 (1.1) Dia.
2 Places
(9.5)
.374
(12.0)
.472
(12.9)
.508
(1.8)
.071
Side View
End View
Standard
Standard
SMT
SMT
(1.3)
.051
3 @
(8.5)
.335
(3.06)
.120
(3.36)
.132
(16.0)
.630
(6.01)
.237
(1.5)
.059
(1.5)
.059
(4.09)
.161
(4.06)
.160
(7.50)
.295
(1.56)
.061
Bottom View
Pad Layout
Wiring Diagram
Bottom View
Standard
SMT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com