Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC558 Datasheet(PDF) 2 Page - Picker Components

Part # PC558
Description  Subminiature Automotive PCB Twin Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC558 Datasheet(HTML) 2 Page - Picker Components

  PC558 Datasheet HTML 1Page - Picker Components PC558 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC558
PC558
COIL DATA
Coil Voltage
6
9
12
Resistance ohms
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
60
135
240
960
3.6
5.4
7.3
14.4
0.6
0.9
1.2
2.4
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
24
+ 10%
Standard Coil
Large Gap
45
100
180
720
0.6 W
0.8 W
Drawings are 2X actual size
(5.15)
.202
(5.0)
.196
(10.1)
.398
(3.0)
.118
(10.6)
.417
(5.15)
.202
(5.0)
.196
1
2
3
5
4
6
7
8
9
Wiring Diagram
(3.5)
.138
(15.8)
.622
(24.3)
.957
(14.0)
.551
.055 (1.4) Dia. Typ.
Maximum make current refers to inrush of a lamp load
In 85 degree C ambient reduce maximum coil voltage to 72%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com