Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC563 Datasheet(PDF) 2 Page - Picker Components

Part # PC563
Description  Ultra Slim 5 Amp Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC563 Datasheet(HTML) 2 Page - Picker Components

  PC563 Datasheet HTML 1Page - Picker Components PC563 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC563
PC563
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
Dimensions in Inches (millimeters)
Side View
End View
COIL DATA
Coil Voltage
5
6
12
18
24
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
45
125
180
720
1620
2880
3.75
4.5
9.00
13.5
18.0
0.5
0.6
1.2
1.8
2.4
5.5
6.6
13.2
19.8
26.4
_
Note: Custom coil voltages within the ranges shown are available on special order.
3
2.25
0.3
3.3
9
405
6.75
0.9
9.9
Wiring Diagram
Drawings are 2X actual size
.283
(7.2)
(15.3)
.602
(20.5)
.807
(3.4)
.134
(7.0)
.275
(1.2)
.047 Dia. 4 Places
Hole Pattern
Relays previously tested or used above 10mA at 6VDC or higher
are not recommended for subsequent use in low level applications
(11.5)
.453
(4.7)
.185
(4.7)
.185
(7.0)
.275
(11.5)
.453



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com