Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF6N60DM2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF6N60DM2
Description  N-channel 600 V, 0.95 typ., 5 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF6N60DM2 Datasheet(HTML) 5 Page - STMicroelectronics

  STF6N60DM2 Datasheet HTML 1Page - STMicroelectronics STF6N60DM2 Datasheet HTML 2Page - STMicroelectronics STF6N60DM2 Datasheet HTML 3Page - STMicroelectronics STF6N60DM2 Datasheet HTML 4Page - STMicroelectronics STF6N60DM2 Datasheet HTML 5Page - STMicroelectronics STF6N60DM2 Datasheet HTML 6Page - STMicroelectronics STF6N60DM2 Datasheet HTML 7Page - STMicroelectronics STF6N60DM2 Datasheet HTML 8Page - STMicroelectronics STF6N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GIPG300620171244SOA
10 1
10 0
10 -1
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp =10 µs
tp =100 µs
tp =1 ms
tp =10 ms
T j ≤150 °C
T c = 25°C
single pulse
Operation in this area is
limited by R DS(on)
Figure 2. Thermal impedance
GC20940
10-1
10-2
10-3
10-4
10-3
10-2
10-1
100
K
tp (s)
Figure 3. Output characteristics
GIPD200620171223OCH
8
6
4
2
0
0
4
8
12
16
20
ID
(A)
VDS (V)
VGS = 9, 10 V
VGS = 8 V
VGS = 7 V
VGS = 6 V
VGS = 5 V
Figure 4. Transfer characteristics
GIPD200620171234TCH
8
6
4
2
0
4
5
6
7
8
ID
(A)
VGS (V)
VDS = 20 V
Figure 5. Gate charge vs gate-source voltage
GIPD200620171351QVG
12
10
8
6
4
2
0
600
500
400
300
200
100
0
0
1
2
3
4
5
6
7
VGS
(V)
VDS
(V)
Qg (nC)
VDD = 480 V
ID = 5 A
VDS
Figure 6. Static drain-source on-resistance
GIPD200620171401RID
1.01
0.99
0.97
0.95
0.93
0.91
0
1
2
3
4
5
RDS(on)
(Ω)
ID (A)
VGS = 10 V
STF6N60DM2
Electrical characteristics (curves)
DS12220 - Rev 3
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com