Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF7N60DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF7N60DM2
Description  N-channel 600 V, 0.78 typ., 6 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7N60DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STF7N60DM2 Datasheet HTML 1Page - STMicroelectronics STF7N60DM2 Datasheet HTML 2Page - STMicroelectronics STF7N60DM2 Datasheet HTML 3Page - STMicroelectronics STF7N60DM2 Datasheet HTML 4Page - STMicroelectronics STF7N60DM2 Datasheet HTML 5Page - STMicroelectronics STF7N60DM2 Datasheet HTML 6Page - STMicroelectronics STF7N60DM2 Datasheet HTML 7Page - STMicroelectronics STF7N60DM2 Datasheet HTML 8Page - STMicroelectronics STF7N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
June 2017
DocID030790 Rev 1
1/13
This is information on a product in full production.
www.st.com
STF7N60DM2
N-
channel 600 V, 0.78 Ω typ., 6 A MDmesh™ DM2
Power MOSFET in a TO-220FP package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STF7N60DM2
600 V
0.90 Ω
6 A
25 W
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high voltage N-channel Power MOSFET is
part of the MDmesh™ DM2 fast recovery diode
series. It offers very low recovery charge (Qrr)
and time (trr) combined with low RDS(on), rendering
it suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STF7N60DM2
7N60DM2
TO-220FP
Tube
TO-220FP
AM15572v1_no_tab
D(2)
G(1)
S(3)


Similar Part No. - STF7N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF7N60M2 STMICROELECTRONICS-STF7N60M2 Datasheet
865Kb / 13P
Low gate input resistance
26-Jun-2013
logo
Inchange Semiconductor ...
STF7N60M2 ISC-STF7N60M2 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF7N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF43N60DM2 STMICROELECTRONICS-STF43N60DM2 Datasheet
418Kb / 13P
N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
01-Jul-2015
STF28N60DM2 STMICROELECTRONICS-STF28N60DM2 Datasheet
717Kb / 12P
N-channel 600 V, 0.13 Ω typ., 21 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
09-Oct-2015
STF10N60DM2 STMICROELECTRONICS-STF10N60DM2 Datasheet
711Kb / 12P
N-channel 600 V, 0.440 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a TO-220FP package
17-Jun-2016
STF11N60DM2 STMICROELECTRONICS-STF11N60DM2 Datasheet
713Kb / 12P
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220FP package
17-Jun-2016
STF13N60DM2 STMICROELECTRONICS-STF13N60DM2 Datasheet
719Kb / 13P
N-channel 600 V, 0.310 (ohm) typ., 11 A MDmesh DM2 Power MOSFET in a TO-220FP package
07-Dec-2016
STF18N60DM2 STMICROELECTRONICS-STF18N60DM2 Datasheet
456Kb / 12P
N-channel 600 V, 0.260 typ., 12 A MDmesh DM2 Power MOSFET in a TO-220FP package
10-Jun-2019
STF18N65DM2 STMICROELECTRONICS-STF18N65DM2 Datasheet
234Kb / 12P
N-channel 650 V, 231 m typ., 12 A, MDmesh DM2 Power MOSFET in a TO-220FP package
10-May-2021
STF33N60M6 STMICROELECTRONICS-STF33N60M6 Datasheet
255Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
18-Jul-2018
STF6N60DM2 STMICROELECTRONICS-STF6N60DM2 Datasheet
298Kb / 12P
N-channel 600 V, 0.95 typ., 5 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
16-Mar-2020
STF33N60DM2 STMICROELECTRONICS-STF33N60DM2 Datasheet
709Kb / 13P
N-channel 600 V, 0.110 Ω typ., 24 A MDmesh™ DM2 Power MOSFET in TO-220FP package
05-Jul-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com