Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UX22 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # UX22
Description  The Worlds Smallest Ultra Low Jitter Crystal Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UX22 Datasheet(HTML) 2 Page - Diodes Incorporated

  UX22 Datasheet HTML 1Page - Diodes Incorporated UX22 Datasheet HTML 2Page - Diodes Incorporated UX22 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
July 2019
© Diodes Incorporated • US: +1-408-232-9100 TW: +886-3-4518888
• www.diodes.com
UX22/UX252
Document Number DS42057 Rev 2-2
© Diodes Incorporated
2.5V/3.3V LVPECL XO
UX22/UX252
The World's Smallest Ultra Low
Jitter Crystal Oscillator
2.5 x 2.0mm
A product Line of
Diodes Incorporated
Output Enable / Disable Function
Parameter
Min.
Typ.
Max.
Units
Notes
Input Voltage (pin 1), Output Enable
0.7 VDD
V
or open
Input Voltage (pin 1), Output Disable (low power standby)
0.3 VDD
V
Output is Hi-Z
Output Disable Delay
200
ns
Output Enable Delay
2
ms
Start up Time
10
ms
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Notes
Storage Temperature
-55
+125
°C
For the latest product information visit:
https://www.diodes.com/products/connectivity-and-timing/crystal-and-crystal-oscillator/
For test circuit go to:
https://www.diodes.com/assets/sre/tc_pecl.pdf
For soldering reflow profile and reliability test ratings go to:
https://www.diodes.com/assets/sre/reflow.pdf
For tape and reel information go to:
https://www.diodes.com/assets/sre/tr_2520_xo.pdf
2
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output Frequency
100
212.5
MHz
Supply Voltage
3.135
3.3
3.465
V
See ordering options
2.375
2.5
2.625
Supply Current, Output Enabled
70
mA
Supply Current, Output Disabled
30
uA
Frequency Stability
±100
ppm
See ordering options
Operating Temperature Range
-40
+85
°C
See ordering options
Output Logic 0, VOL
VCC-1.620
V
Output Logic 1, VOH
VCC-1.025
V
Output Load
50Ω to VCC-2V output termination
Duty Cycle
45
55
%
Measured 50% VDD
Rise and Fall Time
0.4
ns
Measured 20/80% of waveform
RMS Phase Jitter, Category 1
0.1
ps
Offset frequency 12kHz to 20MHz,
See ordering information category 1
0.2
ps
RMS Phase Jitter, Category 2
0.3
ps
Offset frequency 12kHz to 20MHz,
See ordering information category 2
Total Period Jitter (Peak to Peak)
30
ps
100,000 random periods
Notes:
1.
Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25°C),
aging (1 year at 25°C average effective ambient temperature), shock and vibration.
2. For specifications other than those listed, please contact sales.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com