Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3003E6QTA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXGD3003E6QTA
Description  40V 5A GATE DRIVER IN SOT26
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3003E6QTA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXGD3003E6QTA Datasheet HTML 1Page - Diodes Incorporated ZXGD3003E6QTA Datasheet HTML 2Page - Diodes Incorporated ZXGD3003E6QTA Datasheet HTML 3Page - Diodes Incorporated ZXGD3003E6QTA Datasheet HTML 4Page - Diodes Incorporated ZXGD3003E6QTA Datasheet HTML 5Page - Diodes Incorporated ZXGD3003E6QTA Datasheet HTML 6Page - Diodes Incorporated ZXGD3003E6QTA Datasheet HTML 7Page - Diodes Incorporated ZXGD3003E6QTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXGD3003E6Q
Document Number DS40797 Rev. 2 - 2
2 of 8
www.diodes.com
February 2020
© Diodes Incorporated
ZXGD3003E6Q
Marking Information
Date Code Key
Year
2018
2019
2020
2021
2022
2023
2024
2025
2026
2027
2028
2029
Code
F
G
H
I
J
K
L
M
N
O
P
R
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Typical Application Circuit
VEE
SOURCE
SINK
VCC
VCC
IN1
ZXGD3003
VS
R1
D1
R2
RLOAD
R1, D1 combination can be used for variable turn on and turn off times.
IN2
3003
3003 = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: H = 2020)
M or M = Month (ex: 9 = September)
SOT26
ZXGD3003E6Q
VCC
VEE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com