Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6005N8-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMS6005N8-13
Description  60V N-CHANNEL SELF-PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6005N8-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMS6005N8-13 Datasheet HTML 1Page - Diodes Incorporated ZXMS6005N8-13 Datasheet HTML 2Page - Diodes Incorporated ZXMS6005N8-13 Datasheet HTML 3Page - Diodes Incorporated ZXMS6005N8-13 Datasheet HTML 4Page - Diodes Incorporated ZXMS6005N8-13 Datasheet HTML 5Page - Diodes Incorporated ZXMS6005N8-13 Datasheet HTML 6Page - Diodes Incorporated ZXMS6005N8-13 Datasheet HTML 7Page - Diodes Incorporated ZXMS6005N8-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXMS6005N8
Document number: DS38473 Rev. 3 - 2
2 of 8
www.diodes.com
June 2017
© Diodes Incorporated
ZXMS6005N8
qDMN2027US
S
Functional Block Diagram
Absolute Maximum Ratings (@TA = +25°C, unless otherwise stated.)
Characteristic
Symbol
Value
Unit
Continuous Drain-Source Voltage
VDS
60
V
Drain-Source Voltage for Short Circuit Protection
VDS(SC)
24
V
Continuous Input Voltage
VIN
-0.5 to +6
V
Continuous Input Current @-
0.2V ≤ VIN ≤ 6V
Continuous Input Current @VIN < -0.2V or VIN > 6V
IIN
No Limit
│IIN│≤ 2
mA
Pulsed Drain Current @VIN = 3.3V
IDM
5
A
Pulsed Drain Current @VIN = 5V
IDM
6
A
Continuous Source Current (Body Diode) (Note 5)
IS
2.5
A
Pulsed Source Current (Body Diode)
ISM
10
A
Unclamped Single Pulse Inductive Energy,
TJ = +25°C, ID = 0.5A, VDD = 24V
EAS
120
mJ
Electrostatic Discharge (Human Body Model)
VHBM
4,000
V
Charged Device Model
VCDM
1,000
V
Recommended Operating Conditions
The ZXMS6005N8 is optimized to use with
μC operating from 3.3V and 5V supplies.
Characteristic
Symbol
Min
Max
Unit
Input Voltage Range
VIN
0
5.5
V
Ambient Temperature Range
TA
-40
+125
°C
High Level Input Voltage for MOSFET to be On
VIH
3
5.5
V
Low Level Input Voltage for MOSFET to be Off
VIL
0
0.7
V
Peripheral Supply Voltage (Voltage to which Load is Referred)
VP
0
24
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com