Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC384 Datasheet(PDF) 1 Page - Picker Components

Part # PC384
Description  10 Amp Minature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC384 Datasheet(HTML) 1 Page - Picker Components

  PC384 Datasheet HTML 1Page - Picker Components PC384 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10 Amp Minature PCB Power Relay
FEATURES
10 Amp continous contact capacity
1A or 1C contact form
Class "B" insulation standard
2 KV dielectric between coil and contacts
Class "F" insulation available
PC384
Load Type
General Use
10 Amps @ 125 VAC, 5 Amps @ 250 VAC
All Forms
UL/CSA RATINGS
CHARACTERISTICS
Operate Time
10 ms. Max.
Release Time
Insulation Resistance
4 ms. Max.
250 megohms min, at 500VDC, 50%RH
Dielectric Strength
2000 Vrms, 1 min. between coil and contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5 mm, 10 - 55 Hz
Power Consumption
.36 W
Ambient Temperature Range
-25 to 70 C operating for class B, -40 to 130 C storage
Weight
8.6 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC384 Rev B 4-6-04
PAGE 1
Sealed, immersion cleanable
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnO (Silver Tin Oxide)
50 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 105
Operations
Operations
All Contacts
Max Switching Power
1250 VA, 280W
750 Vrms, 1 min. between open contacts
File # E86876
AgCdO (Silver Cadmium Oxide)
4KV surge voltage
ORDERING INFORMATION
Example:
PC384
Model
-1C
Contact Form
1A, 1C
-12
Enclosure
S: Sealed; C: Flux Free
Coil Voltage
S


Similar Part No. - PC384

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
PC382813T-2FSH FIBOX-PC382813T-2FSH Datasheet
451Kb / 2P
Enclosure, PC
11.01.2023
logo
Picker Components
PC385 PICKER-PC385 Datasheet
218Kb / 2P
Slimline Power PCB Relay
PC3851A-12C PICKER-PC3851A-12C Datasheet
218Kb / 2P
Slimline Power PCB Relay
PC3851A-12CH PICKER-PC3851A-12CH Datasheet
218Kb / 2P
Slimline Power PCB Relay
PC3851A-12S PICKER-PC3851A-12S Datasheet
218Kb / 2P
Slimline Power PCB Relay
More results

Similar Description - PC384

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC354 PICKER-PC354 Datasheet
169Kb / 2P
25 Amp Minature PCB Power Relay
PC355 PICKER-PC355 Datasheet
171Kb / 2P
20 Amp Minature PCB Power Relay
PC372 PICKER-PC372 Datasheet
167Kb / 2P
10 Amp Minature 2 Pole PCB Power Relay
PC375 PICKER-PC375 Datasheet
173Kb / 2P
Low Profile Minature PCB Power Relay
PC379 PICKER-PC379 Datasheet
178Kb / 2P
20 Amp Minature PCB Power Relay
PC393 PICKER-PC393 Datasheet
169Kb / 2P
20 Amp Minature PCB Power Relay
PC454 PICKER-PC454 Datasheet
186Kb / 2P
25 Amp Minature PCB Power Relay
logo
Tyco Electronics
REL MACOM-REL Datasheet
148Kb / 2P
Minature PCB Relay
logo
Picker Components
PC354 PICKER-PC354_14 Datasheet
183Kb / 2P
25 AMP Minature PCB Power Relay
PC378 PICKER-PC378_14 Datasheet
171Kb / 2P
Low Profile Minature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com