Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8106ACEZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADL8106ACEZ
Description  GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8106ACEZ Datasheet(HTML) 2 Page - Analog Devices

  ADL8106ACEZ Datasheet HTML 1Page - Analog Devices ADL8106ACEZ Datasheet HTML 2Page - Analog Devices ADL8106ACEZ Datasheet HTML 3Page - Analog Devices ADL8106ACEZ Datasheet HTML 4Page - Analog Devices ADL8106ACEZ Datasheet HTML 5Page - Analog Devices ADL8106ACEZ Datasheet HTML 6Page - Analog Devices ADL8106ACEZ Datasheet HTML 7Page - Analog Devices ADL8106ACEZ Datasheet HTML 8Page - Analog Devices ADL8106ACEZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Data Sheet
ADL8106
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 26
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Functional Block Diagram......................................1
Electrical Specifications.........................................3
18 GHz to 20 GHz Frequency Range................ 3
20 GHz to 30 GHz Frequency Range................ 3
30 GHz to 44 GHz Frequency Range................ 4
44 GHz to 50 GHz Frequency Range................ 4
50 GHz to 54 GHz Frequency Range................ 5
Absolute Maximum Ratings...................................6
Thermal Resistance........................................... 6
Electrostatic Discharge (ESD) Ratings...............6
ESD Caution.......................................................6
Pin Configuration and Function Descriptions........ 7
Interface Schematics..........................................7
Typical Performance Characteristics..................... 8
Lower Voltage Higher Current Operation......... 15
Theory of Operation.............................................22
Applications Information...................................... 23
Biasing the ADL8106 with the HMC920........... 23
Outline Dimensions............................................. 26
Ordering Guide.................................................26
Evaluation Boards............................................ 26
REVISION HISTORY
8/2022—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com