Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101AT Datasheet(PDF) 12 Page - STMicroelectronics

Part # STW81101AT
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101AT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STW81101AT Datasheet HTML 8Page - STMicroelectronics STW81101AT Datasheet HTML 9Page - STMicroelectronics STW81101AT Datasheet HTML 10Page - STMicroelectronics STW81101AT Datasheet HTML 11Page - STMicroelectronics STW81101AT Datasheet HTML 12Page - STMicroelectronics STW81101AT Datasheet HTML 13Page - STMicroelectronics STW81101AT Datasheet HTML 14Page - STMicroelectronics STW81101AT Datasheet HTML 15Page - STMicroelectronics STW81101AT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Electrical specifications
STW81101
12/42
In Band Phase Noise Floor
Direct Output
ICP=4mA, PLL BW = 50KHz;
including reference clock
contribution
-220+20log(N)+10log(fPFD)dBc/Hz
In Band Phase Noise Floor
Divider by 2
-226+20log(N)+10log(f
PFD)dBc/Hz
In Band Phase Noise Floor
Divider by 4
-232+20log(N)+10log(f
PFD)dBc/Hz
PLL Integrated Phase Noise – Direct Output
Integrated Phase Noise
100Hz to 40MHz
FOUT = 4 GHz,
fPFD = 400KHz, fSTEP =400 KHz,
PLL BW = 35KHz, ICP=4mA
-38
dBc
1.0
° rms
PLL Integrated Phase Noise – Divider by 2
Integrated Phase Noise
100Hz to 40MHz
FOUT = 2 GHz,
fPFD = 400KHz, fSTEP =200 KHz,
PLL BW = 35KHz, ICP=4mA
-44
dBc
0.5
° rms
PLL Integrated Phase Noise – Divider by 4
Integrated Phase Noise
100Hz to 40MHz
FOUT = 1 GHz,
fPFD = 400KHz, fSTEP =100 KHz,
PLL BW = 35KHz, ICP=4mA
-50
dBc
0.25
° rms
VCO A Direct (3300MHz-3900MHz) – Open Loop(3)
Phase Noise @ 1 KHz
-56
dBc/Hz
Phase Noise @ 10 KHz
-83
dBc/Hz
Phase Noise @ 100 KHz
-105
dBc/Hz
Phase Noise @ 1 MHz
-128
dBc/Hz
Phase Noise @ 10 MHz
-148
dBc/Hz
Phase Noise @ 40 MHz
-156
dBc/Hz
VCO B Direct (3800MHz-4400MHz) – Open Loop(3)
Phase Noise @ 1 KHz
-55
dBc/Hz
Phase Noise @ 10 KHz
-82
dBc/Hz
Phase Noise @ 100 KHz
-104
dBc/Hz
Phase Noise @ 1 MHz
-127
dBc/Hz
Phase Noise @ 10 MHz
-147
dBc/Hz
Phase Noise @ 40 MHz
-155
dBc/Hz
VCO A with divider by 2 (1650MHz-1950MHz) – Open Loop(3)
Phase Noise @ 1 KHz
-62
dBc/Hz
Phase Noise @ 10 KHz
-89
dBc/Hz
Phase Noise @ 100 KHz
-111
dBc/Hz
Phase Noise @ 1 MHz
-134
dBc/Hz
Table 6.
Phase noise specification (continued)
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com