Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4293 Datasheet(PDF) 32 Page - Analog Devices

Part # LT4293
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT4293 Datasheet HTML 28Page - Analog Devices LT4293 Datasheet HTML 29Page - Analog Devices LT4293 Datasheet HTML 30Page - Analog Devices LT4293 Datasheet HTML 31Page - Analog Devices LT4293 Datasheet HTML 32Page - Analog Devices LT4293 Datasheet HTML 33Page - Analog Devices LT4293 Datasheet HTML 34Page - Analog Devices LT4293 Datasheet HTML 35Page - Analog Devices LT4293 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
LTC9101-2/LTC9102
32
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Register Description
For information on serial bus usage and device configura-
tion and status, refer to the LTC9101-2NDASI Software
Interface guide. Contact Analog Devices to request
this document.
ISOLATION REQUIREMENTS
IEEE 802.3 Ethernet specifications require that network
segments (including PoE circuitry) be electrically isolated
from the chassis ground of each network interface device.
However, network segments are not required to be iso-
lated from each other, provided that the segments are
connected to devices residing within a single building on
a single power distribution system.
If the PSE is part of a larger system, contains additional
external non-Ethernet ports, or must be referenced to pro-
tective ground for some other reason, the PoE subsystem
must be electrically isolated from the rest of the system.
The LTC9101-2/LTC9102 chipset simplifies PSE isolation
by allowing the LTC9101-2 chip to reside on the non-
isolated side. There it can receive power from the main
logic supply and connect directly to the I2C/SMBus bus.
In this case, the SDAIN and SDAOUT pins can be tied
together and will act as a standard I2C/SMBus SDA pin.
Isolation between the LTC9101-2 and LTC9102 is imple-
mented using a proprietary transformer-based commu-
nication protocol. Additional details are provided in the
High-Speed Data Isolation section of this data sheet.
For simple devices, such as unmanaged PoE switches,
the isolation requirement can be met by using an isolated
main power supply for the entire device. This strategy
can be used if the device has no electrically conducting
ports other than twisted-pair Ethernet. The LTC9101-2
may directly connect to the LTC9102s in the above cir-
cumstances, or if the system already provides isolation.
EXTERNAL COMPONENT SELECTION
Power Supplies
The LTC9101-2/LTC9102 requires two supply voltages to
operate. VDD requires 3.3V (nominally) relative to DGND.
SERIAL DIGITAL INTERFACE
Overview
The LTC9101-2 communicates with the host using a
standard SMBus/I2C 2-wire interface. The LTC9101-2 is a
slave-only device, and communicates with the host master
using standard SMBus protocols. Interrupts are signaled
to the host via INT. The timing diagrams (Figure 5 through
Figure 9) show typical communication waveforms and
their timing relationships. More information about the
SMBus data protocols can be found at www.smbus.org.
Bus Addressing
The LTC9101-1’s primary 7-bit serial bus address is
01A4A3A2A10b, with bits 4:1 set by AD[4:1] respectively.
See Table 4 for device configuration options. Depending on
device configuration, up to 12 I2C addresses will be popu-
lated from the I2C base address upwards. All LTC9101-2s
also respond to the broadcast address 1111111b, allow-
ing the host to write the same command (typically con-
figuration commands) to multiple LTC9101-2s in a single
transaction. If the LTC9101-2 is asserting INT, it will also
respond to the alert response address (0001100b) per the
SMBus specification.
Each LTC9101-2/LTC9102 is logically composed of mul-
tiple four port groups, known as quads, each packed
into a single I2C address. See Device Configuration sec-
tion for details. For example, if CFG[1:0] is set to 00,
an LTC9101-2 is configured as a 12-port device when
attached to an LTC9102 (see Table 4). This configuration
requires consecutive I2C addresses, with quad offset 0
starting at the I2C base address.
Interrupts and SMBAlert
Most port events can be configured to trigger an inter-
rupt, asserting INT and alerting the host to the event. This
removes the need for the host to poll the LTC9101-2,
minimizing serial bus traffic and conserving host CPU
cycles. Multiple LTC9101-2s can share a common INT
line, with the host using the SMBAlert protocol (ARA) to
determine which LTC9101-2 caused an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com