Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC435 Datasheet(PDF) 1 Page - Picker Components

Part # PC435
Description  Subminature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC435 Datasheet(HTML) 1 Page - Picker Components

  PC435 Datasheet HTML 1Page - Picker Components PC435 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Subminature PCB Power Relay
FEATURES
10 Amp continous contact capacity
1 Form A & 1 form C contact forms
Class "B" insulation standard
Subminature design
Sensitive version available
4 Kv dielectric between coil and contacts
PC435
Load Type
10 Amps @ 125 VAC
Normally Open Contact
UL/CUR RATINGS
CHARACTERISTICS
Operate Time
8 ms. Max.
Release Time
Insulation Resistance
5 ms. Max.
1000 megohms min, at 500VDC, 50%RH
Dielectric Strength
4000 Vrms, 1 min. between coil and contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.6 mm, 10 - 55 Hz
Power Consumption
.45 W
Ambient Temperature Range
-40 to 70 C operating for class B, -40 to 130 C storage
Weight
7 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC435 Rev C 3-29-04
PAGE 1
ORDERING INFORMATION
Example:
PC435
Model
-12
Sealed, immersion cleanable
Contact Form
1A, 1C
-1C
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 105
Operations
Operations
Enclosure
S: Sealed; C: Flux Free
Insulation System
Nil: Class B (155 degrees C), F: Class F (125 degrees C)
F
S
Nil: Standard .45 W, H: Sensitive .2 W
-H
5 Amps @ 250 VAC, 30 VDC
1000 Vrms, 1 min. between open contacts
File # E93379
General Use
1/4 HP @ 250 VAC
Normally Closed Contact
5 Amps @ 125 VAC
3 Amps @ 250 VAC, 30 VDC
Coil Sensitivity
Motor
Lamp
TV-5
Coil Voltage


Similar Part No. - PC435

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC435 PICKER-PC435_14 Datasheet
119Kb / 2P
Subminature PCB Power Relay
PC435 PICKER-PC435_17 Datasheet
895Kb / 2P
Subminiature PCB Power Relay
More results

Similar Description - PC435

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCH410 PICKER-PCH410 Datasheet
177Kb / 2P
10 Amp Subminature PCB Power Relay
PC333 PICKER-PC333 Datasheet
178Kb / 2P
12 Amp Subminature PCB Power Relay
PC376 PICKER-PC376 Datasheet
198Kb / 2P
Subminature PCB Power Relay
PC415 PICKER-PC415 Datasheet
162Kb / 2P
15 Amp Subminature PCB Power Relay
PC333 PICKER-PC333_14 Datasheet
259Kb / 2P
12 Amp Subminature PCB Power Relay
PC376 PICKER-PC376_14 Datasheet
156Kb / 2P
Subminature PCB Power Relay
PC415 PICKER-PC415_14 Datasheet
203Kb / 2P
10 AMP Subminature PCB Power Relay
PC415H PICKER-PC415H Datasheet
70Kb / 2P
15 Amp Subminature PCB Power Relay
PC435 PICKER-PC435_14 Datasheet
119Kb / 2P
Subminature PCB Power Relay
PC835 PICKER-PC835_14 Datasheet
196Kb / 2P
10 Amp Subminature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com