Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC4201B-12CF Datasheet(PDF) 2 Page - Picker Components

Part # PC4201B-12CF
Description  20 Amp Subminature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC4201B-12CF Datasheet(HTML) 2 Page - Picker Components

  PC4201B-12CF Datasheet HTML 1Page - Picker Components PC4201B-12CF Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC420
PC420
COIL DATA
Coil Voltage
5
6
12
24
48
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
25
70
100
400
1600
6400
3.5
4.2
8.4
16.8
33.6
0.5
0.6
1.2
2.4
4.8
6.5
7.8
15.6
31.2
62.4
_
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Note: Custom coil voltages within the ranges shown are available on special order.
Tolerances + .010 unless otherwise noted
Notes:
Contact Form C shown
On Contact Forms A & B Unused Pins are Omitted
3
2.1
0.3
3.9
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
Wiring Diagram
9
225
6.3
0.9
11.7
(12.0)
.472
.078
(2.0)
(12.2)
.480
(22.5)
.866
(16.8)
.661
(20.2)
.795
(3.5)
.138
(1.3)
.051
0
1
5
10
15
10
20 30 40 50 100
AC Contact Voltage.
200 360
20
Contact Derating for AC loads
10
20 30 40 50 100
DC Contact Voltage.
Contact Derating for DC loads
0
1
5
10
15
20
40
30



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com