Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0AFG Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0AFG
Description  240V, BS88‐4 Semiconductor Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0AFG Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0AFG Datasheet HTML 1Page - Bel Fuse Inc. 0AFG Datasheet HTML 2Page - Bel Fuse Inc. 0AFG Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type 0AFG
2 / 3
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2020 Bel Fuse, Inc.
Rev. 0AFG Dec17 2020
Temperature Re-Rating Curve
Average Time Current Curve
Operating temperature: -50℃ to 100℃
Electrical Specifications
Part Number
Rated Current
(RMS-A)
Voltage and
Interrupting
Ratings
Energy Integrals I2t (A²S)
Power loss
(W)
Pre-Arcing
Clearing at 120V
Clearing at 240V
0AFGx9250Sxx
25A
See Table of Ratings
on Page 1 for Voltage
and associated
Interrupting Ratings
18
120
250
4
0AFGx9500Sxx
50A
100
500
1400
7
0AFGx9800Sxx
80A
300
1900
3800
10
0AFGxK100Sxx
100A
600
3800
7500
10
0AFGxK125Sxx
125A
600
3800
7500
16
0AFGxK160Sxx
160A
1100
7000
16000
20
0AFGxK180Sxx
180A
1600
12000
29000
21
Consult manufacturer for other ratings
-Typical Pre-arcing I²t are measured at 10In Current
-Power loss provided at rated current
Conditions for operation in service
Where the following conditions apply, fuses complying with this standard are deemed capable of operating satisfactorily witho ut
further qualification.
Normal temperature: -5℃ to 40℃;
The altitude of the site of installation of the fuses does not exceed 2000m above sea level;
The air is clean and the relative humidity does not exceed 50 % at the maximum temperature of 40℃;
Higher relative humidities are permitted at lower temperatures, e.g. 90 % at 20℃;
Under these conditions, moderate condensation may occasionally occur due to variation in temperature.
For operation conditions other than above, please contact manufacturer.
Specifications subject to change without notice



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com