Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTL-32DRC-R3-P Datasheet(PDF) 1 Page - DB Lectro Inc

Part # BTL-32DRC-R3-P
Description  MEGA BRIGHT LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

BTL-32DRC-R3-P Datasheet(HTML) 1 Page - DB Lectro Inc

  BTL-32DRC-R3-P Datasheet HTML 1Page - DB Lectro Inc BTL-32DRC-R3-P Datasheet HTML 2Page - DB Lectro Inc BTL-32DRC-R3-P Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
MEGA BRIGHT LED
BTL-32DRC-XX-X
Package Dimension
Product Features
Ultra Bright Red Color
High Light Output
3mm Diameter Circular Package
Water Clear Lens
Highly Reliable
IC Compatible
Leads without Stand Off
Applications
Automotive
Front Panel Indicator
Special Lighting
General Purpose LEDs
Tolerance:
±
Unit:
±
Optical and Electrical Characteristics at Ta=25ºC
Parameter
Symbol
Minimum
Typical
Maximum
Units
Conditions
Luminous
Intensity
Iv
-
1500
-
mcd
IF = 20mA
(Note 1)
Viewing Angle
2θ½
-
30
-
deg
IF = 20mA
Dominant
Wavelength
λ
D
645
652
660
nm
IF = 20mA
(Note 2)
DC Forward
Voltage
VF
-
1.9
2.5
V
IF = 20mA
DC Reverse
Current
IR
0
-
10
µA
VR=5V
Notes:
1. Light intensity measures the light sensing response standard using chromatic meter. Refer to the CIE
eye-response curve set by International Lighting committee.
Tolerance of minimum and maximum
intensity = ± 15%
2. Wavelength range can be selected from the bin selection table. Tolerance of minimum and
maximum = ± 2nm
3. These products are sensitive to static electricity and care must be fully taken when handling
products
0.01
0.25
inch
mm
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 ww.dblectro.com


Similar Part No. - BTL-32DRC-R3-P

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTL-32AMC-A2-P DBLECTRO-BTL-32AMC-A2-P Datasheet
223Kb / 3P
MEGA BRIGHT LED
BTL-32AMC-A2-Q DBLECTRO-BTL-32AMC-A2-Q Datasheet
223Kb / 3P
MEGA BRIGHT LED
BTL-32AMC-A2-R DBLECTRO-BTL-32AMC-A2-R Datasheet
223Kb / 3P
MEGA BRIGHT LED
BTL-32AMC-A3-P DBLECTRO-BTL-32AMC-A3-P Datasheet
223Kb / 3P
MEGA BRIGHT LED
BTL-32AMC-A3-Q DBLECTRO-BTL-32AMC-A3-Q Datasheet
223Kb / 3P
MEGA BRIGHT LED
More results

Similar Description - BTL-32DRC-R3-P

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTL-32AMC-XX-X DBLECTRO-BTL-32AMC-XX-X Datasheet
223Kb / 3P
MEGA BRIGHT LED
BTL-35NRCS-XX-X DBLECTRO-BTL-35NRCS-XX-X Datasheet
231Kb / 3P
MEGA BRIGHT LED
BTL-51WHC-XX-X DBLECTRO-BTL-51WHC-XX-X Datasheet
198Kb / 3P
MEGA BRIGHT LED
BTL-52AMC-XX-X DBLECTRO-BTL-52AMC-XX-X Datasheet
223Kb / 3P
MEGA BRIGHT LED
BTL-52BLC-XX-X DBLECTRO-BTL-52BLC-XX-X Datasheet
225Kb / 3P
MEGA BRIGHT LED
BTL-52PGC-XX-X DBLECTRO-BTL-52PGC-XX-X Datasheet
223Kb / 3P
MEGA BRIGHT LED
BTL-52YEC-XX-X DBLECTRO-BTL-52YEC-XX-X Datasheet
224Kb / 3P
MEGA BRIGHT LED
BTL-52YGC-XX-X DBLECTRO-BTL-52YGC-XX-X Datasheet
252Kb / 3P
MEGA BRIGHT LED
BTL-54YECS-XX-X DBLECTRO-BTL-54YECS-XX-X Datasheet
230Kb / 3P
MEGA BRIGHT LED
BTL-55PGCS-XX-X DBLECTRO-BTL-55PGCS-XX-X Datasheet
186Kb / 3P
MEGA BRIGHT LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com