Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC752GTM Datasheet(PDF) 44 Page - Toshiba Semiconductor

Part # 2SC752GTM
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC752GTM Datasheet(HTML) 44 Page - Toshiba Semiconductor

Back Button 2SC752GTM Datasheet HTML 40Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 41Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 42Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 43Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 44Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 45Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 46Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 47Page - Toshiba Semiconductor 2SC752GTM Datasheet HTML 48Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 126 page
background image
– 44 –
Location
No.
Part No.
Description
Location
No.
Part No.
Description
CW34
24814103
Chip, 0.01?F, +80%, -20%
CW35
24092293
Chip, 0.1?F, +80%, -20%, 25V
CW36
24814103
Chip, 0.01?F, +80%, -20%
CW37
24814103
Chip, 0.01?F, +80%, -20%
CW38
24202101
EL, 100?F,
±20%, 10V
CW39
24092293
Chip, 0.1?F, +80%, -20%, 25V
CW40
24203101
EL, 100?F,
±20%, 16V
CW41
24092293
Chip, 0.1?F, +80%, -20%, 25V
CW42
24201101
EL, 100?F, 6.3V
CW43
24092293
Chip, 0.1?F, +80%, -20%, 25V
CW44
24201101
EL, 100?F, 6.3V
CW45
24092293
Chip, 0.1?F, +80%, -20%, 25V
CW46
24206010
EL, 1?F,
±20%, 50V
CW47
24092293
Chip, 0.1?F, +80%, -20%, 25V
CW48
24092293
Chip, 0.1?F, +80%, -20%, 25V
CW49
24092293
Chip, 0.1?F, +80%, -20%, 25V
CW50
24202221
EL, 220?F,
±20%, 10V
CW51
24092293
Chip, 0.1?F, +80%, -20%, 25V
CW52
24092293
Chip, 0.1?F, +80%, -20%, 25V
CW53
24092293
Chip, 0.1?F, +80%, -20%, 25V
CW54
24092293
Chip, 0.1?F, +80%, -20%, 25V
CW55
24815472
Chip, 0.0047?F,
±10%
CW56
24781221
Chip, 220pF, SL
CW60
24092441
Chip, 1?F, +80%, -20%, 16V
CW61
24781182
Chip, 1800pF, SL
CW62
24781182
Chip, 1800pF, SL
CW68
24092293
Chip, 0.1?F, +80%, -20%, 25V
CW70
24814103
Chip, 0.01?F, +80%, -20%
CW72
24567103
PF, 0.01?F
CW73
24774471
Chip, 470pF, CH
CW74
24814103
Chip, 0.01?F, +80%, -20%
CW75
24092293
Chip, 0.1?F, +80%, -20%, 25V
CW80
24092441
Chip, 1?F, +80%, -20%, 16V
CW81
24092441
Chip, 1?F, +80%, -20%, 16V
CW82
24781330
Chip, 33pF, SL
CW83
24781330
Chip, 33pF, SL
CW85
24781330
Chip, 33pF, SL
CW86
24781330
Chip, 33pF, SL
CW87
24781330
Chip, 33pF, SL
CW88
24781330
Chip, 33pF, SL
CW89
24781330
Chip, 33pF, SL
CW90
24781330
Chip, 33pF, SL
CW91
24781330
Chip, 33pF, SL
CW92
24781330
Chip, 33pF, SL
CW93
24781330
Chip, 33pF, SL
CW94
24781101
Chip, 100pF, SL
CW95
24781101
Chip, 100pF, SL
CW97
24781101
Chip, 100pF, SL
CZ03
24092442
Chip, 0.47?F, +80%, -20%,
16V
CZ05
24814103
Chip, 0.01?F, +80%, -20%
CZ07
24092178
Chip, 0.1?F,
±10%, 25V
CZ09
24781220
Chip, 22pF, SL
CZ10
24781100
Chip, 10pF,
±0.5pF%, SL
CZ11
24781220
Chip, 22pF, SL
CZ12
24814103
Chip, 0.01?F, +80%, -20%
CZ13
24814103
Chip, 0.01?F, +80%, -20%
CZ14
24203100
EL, 10?F,
±20%, 16V
CZ17
24814103
Chip, 0.01?F, +80%, -20%
CZ19
24781181
Chip, 180pF, SL
CZ20
24815103
Chip, 0.01?F,
±10%
CZ21
24781122
Chip, 1200pF, SL
CZ22
24203100
EL, 10?F,
±20%, 16V
CZ23
24814103
Chip, 0.01?F, +80%, -20%
CZ24
24814103
Chip, 0.01?F, +80%, -20%
CZ25
24203100
EL, 10?F,
±20%, 16V
CZ26
24814103
Chip, 0.01?F, +80%, -20%
CZ28
24814103
Chip, 0.01?F, +80%, -20%
CZ29
24814103
Chip, 0.01?F, +80%, -20%
CZ30
24203100
EL, 10?F,
±20%, 16V
CZ31
24092178
Chip, 0.1?F,
±10%, 25V
CZ32
24781470
Chip, 47pF, SL
CZ33
24781470
Chip, 47pF, SL
CZ34
24781470
Chip, 47pF, SL
CZ35
24781470
Chip, 47pF, SL
CZ45
24781100
Chip, 10pF,
±0.5pF%, SL
RESISTORS
RESISTORS
RESISTORS
RESISTORS
RESISTORS
R101
24382223
OMF, 22k ohm, 1W
R201
24872101
Chip, 100 ohm, 1/16W
R204
24872104
Chip, 100k ohm, 1/16W
R205
24872101
Chip, 100 ohm, 1/16W
R206
24872471
Chip, 470 ohm, 1/16W
R207
24872103
Chip, 10k ohm, 1/16W
R208
24872103
Chip, 10k ohm, 1/16W
R209
24872103
Chip, 10k ohm, 1/16W
R210
24872101
Chip, 100 ohm, 1/16W
R211
24872101
Chip, 100 ohm, 1/16W
R212
24872101
Chip, 100 ohm, 1/16W
R213
24872681
Chip, 680 ohm, 1/16W
R214
24872681
Chip, 680 ohm, 1/16W
R215
24872681
Chip, 680 ohm, 1/16W
R216
24872103
Chip, 10k ohm, 1/16W
R218
24872101
Chip, 100 ohm, 1/16W
R219
24872101
Chip, 100 ohm, 1/16W
R220
24872101
Chip, 100 ohm, 1/16W
R222
24872333
Chip, 33k ohm, 1/16W
R223
24872332
Chip, 3300 ohm, 1/16W
R229
24872272
Chip, 2700 ohm, 1/16W
R231
24000824
Chip, Jumper, 2125 type
R239
24000824
Chip, Jumper, 2125 type
R260
24872153
Chip, 15k ohm, 1/16W
R261
24872682
Chip, 6800 ohm, 1/16W
R266
24872102
Chip, 1k ohm, 1/16W
R267
24872182
Chip, 1800 ohm, 1/16W
R268
24872101
Chip, 100 ohm, 1/16W
R269
24872821
Chip, 820 ohm, 1/16W
R273
24872473
Chip, 47k ohm, 1/16W
R274
24872102
Chip, 1k ohm, 1/16W
R275
24872101
Chip, 100 ohm, 1/16W
R276
24872683
Chip, 68k ohm, 1/16W
R277
24872103
Chip, 10k ohm, 1/16W
R281
24366821
CF, 820 ohm
R282
24366102
CF, 1k ohm
R283
24366472
CF, 4700 ohm
R291
24366123
CF, 12k ohm
R292
24366103
CF, 10k ohm
R293
24366333
CF, 33k ohm
R295
24366102
CF, 1k ohm
R296
24366101
CF, 100 ohm
R297
24366102
CF, 1k ohm
R298
24366113
CF, 11k ohm
R299
24366153
CF, 15k ohm
R301
24366102
CF, 1k ohm
R302
24366101
CF, 100 ohm
R303
24321129
MF, 1.2 ohm, 1/2W
R304
24366223
CF, 22k ohm
R305
24322828
MF, 0.82 ohm, 1W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com