Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC752 Datasheet(PDF) 57 Page - Toshiba Semiconductor

Part # 2SC752
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC752 Datasheet(HTML) 57 Page - Toshiba Semiconductor

Back Button 2SC752 Datasheet HTML 53Page - Toshiba Semiconductor 2SC752 Datasheet HTML 54Page - Toshiba Semiconductor 2SC752 Datasheet HTML 55Page - Toshiba Semiconductor 2SC752 Datasheet HTML 56Page - Toshiba Semiconductor 2SC752 Datasheet HTML 57Page - Toshiba Semiconductor 2SC752 Datasheet HTML 58Page - Toshiba Semiconductor 2SC752 Datasheet HTML 59Page - Toshiba Semiconductor 2SC752 Datasheet HTML 60Page - Toshiba Semiconductor 2SC752 Datasheet HTML 61Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 126 page
background image
– 57 –
Location
No.
Part No.
Description
Location
No.
Part No.
Description
GJ62
24000824
Chip Jumper, 2125Type
GJ78
24000824
Chip Jumper, 2125Type
GJ79
24000824
Chip Jumper, 2125Type
GJ80
24000824
Chip Jumper, 2125Type
GJ81
24000824
Chip Jumper, 2125Type
GS01
24000824
Chip Jumper, 2125Type
GV05
23103832
Chip (Ferrite Bead),
TEM2125M
GV07
24000824
Chip Jumper, 2125Type
GV08
24000824
Chip Jumper, 2125Type
GV11
24000824
Chip Jumper, 2125Type
GV13
24872681
Chip, 680 ohm, 1/16W
GV14
24000824
Chip Jumper, 2125Type
GV15
24000824
Chip Jumper, 2125Type
GV17
24000824
Chip Jumper, 2125Type
GV38
24000824
Chip Jumper, 2125Type
GV39
24000824
Chip Jumper, 2125Type
GV40
24000824
Chip Jumper, 2125Type
GV41
24872102
Chip, 1k ohm, 1/16W
GV97
24872101
Chip, 100 ohm, 1/16W
H002
23148352
Module, MPSN11A,
NICAM/IGR A-PRO
KB01
23904946
Remote Sensor,
RPM-676CBR-S
P507
23902655
Socket, B-B, 15P
P661
23365444
Jack, Earphone
P701
23368520
Plug, B-B, 20P
P702
23368520
Plug, B-B, 20P
P708
23902863
Socket, 20P
P709
23902863
Socket, 20P
P713
23164787
Plug, 7P
P714
23164787
Plug, 7P
P715
23164787
Plug, 7P
P720
23164786
Plug, 6P
* P801
23372012
Power Cord(40PW03B)
* P801
23372014
Power Cord(40PW03G)
P802
23164965
Plug, 4P
P881
23164965
Plug, 4P
PF01A
23367724
Plug, B-B,15P
PH01
23902604
Socket, 21P
PH02
23902604
Socket, 21P
PH03
23902604
Socket, 21P
PU01
23368634
Plug, 25P
PU01A
23903025
Socket, 25P
PU02
23368634
Plug, 25P
PU02A
23903025
Socket, 25P
PV10A
23902863
Socket, 20P
PV10B
23368520
Plug, B-B, 20P
PV11A
23902863
Socket, 20P
PV11B
23368520
Plug, B-B, 20P
PW01
23368130
Plug, B-B,10P
PW02
23368130
Plug, B-B,10P
PW06
23902213
Socket, B-B, 10P
PW07
23902213
Socket, B-B, 10P
S602
23145412
Switch, Slide, 2C2P
* S801
23145434
Switch Power, 2C2P
SA01
23145226
Switch, Push, 1C1P
SA02
23145226
Switch, Push, 1C1P
SA03
23145226
Switch, Push, 1C1P
SA04
23145226
Switch, Push, 1C1P
SA06
23145226
Switch, Push, 1C1P
SA07
23145226
Switch, Push, 1C1P
* SR81
23146572
Relay, DC5V, DG5D1-O(M)-2
* V901A
23902019
Socket, CRT, 9P
V901R
23004868
Protector Coupling R
* V902A
23902019
Socket, CRT, 9P
V902G
23004869
Protector Coupling G
* V903A
23902019
Socket, CRT, 9P
V903B
23004870
Protector Coupling B
W661
23351131
Speaker, SPK-1390,
120X120mm, 16 ohm
W662
23351131
Speaker, SPK-1390,
120X120mm, 16 ohm
X401
23153721
Ceramic Resonator, 503kHz,
TCR1023
X501
23153961
Crystal, 3.58MHz
X503
23153979
Crystal, 4.43MHz
XA01
23153497
Crystal, 16.0 MHz
XF01
23153421
Crystal, 20.48MHz
XQ01
23153969
Crystal, 4.00MHz
XV01
23107519
Ceramic Video Trap,
4.43MHz, TCF1066
* Z410
23110842
Focus Pack, TPA6031
Z410A
23505177
Focus Cable
* Z450
24082877
CR Block, TPA5007
Z450A
23504953
Anode Cable
Z470
23110845
Focus Pack, TPA6032BH
Z702
23103823
Filter, TEM2027D
Z703
23103823
Filter, TEM2027D
Z704
23103823
Filter, TEM2027D
Z705
23103823
Filter, TEM2027D
Z706
23103823
Filter, TEM2027D
Z707
23103823
Filter, TEM2027D
Z711
23103823
Filter, TEM2027D
Z712
23103823
Filter, TEM2027D
* Z801
23905010
IC, HIC1019
* Z853
23144608
Fuse, 4.0A, DC60V
* Z854
23144608
Fuse, 4.0A, DC60V
* Z856
23144605
Fuse, 2.0A, DC60V
PC BOARD ASSEMBLIES
PC BOARD ASSEMBLIES
PC BOARD ASSEMBLIES
PC BOARD ASSEMBLIES
PC BOARD ASSEMBLIES
* U901A
23783174
CRT-D R Board, PB8764A-1
(40PW03G)
* U901A
23784697
CRT-D R Board, PB8764D-1
(40PW03B)
* U901B
23783175
CRT-D G Board, PB8764A-2
(40PW03G)
* U901B
23784698
CRT-D G Board, PB8764D-2
(40PW03B)
* U901C
23783176
CRT-D B Board, PB8764A-3
(40PW03G)
* U901C
23784699
CRT-D B Board, PB8764D-3
(40PW03B)
* U901D
23783177
SVM Board, PB8764A-4
(40PW03G)
* U901D
23784701
SVM Board, PB8764D-4
(40PW03B)
* U902A
23784622
Signal Board, PB9402B
(40PW03G)
* U902A
23784700
Signal Board, PB9402A
(40PW03B)
* U903
23784625
ED-WAC Board, PB8892B
* U904
23784623
DEF Board, PB9403A
* U905
23784626
VCD Board, PB8768G
* U906A
23784631
TEXT Board, PB9411A
* U907
23784628
D-CONVER Board, PB9405A
* U908
23784624
Power Board, PB9404A
* U909
23783171
Conver Board, PB8773A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com