Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTL-55NRDS-O2-K Datasheet(PDF) 2 Page - DB Lectro Inc

Part # BTL-55NRDS-O2-K
Description  MEGA BRIGHT LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

BTL-55NRDS-O2-K Datasheet(HTML) 2 Page - DB Lectro Inc

  BTL-55NRDS-O2-K Datasheet HTML 1Page - DB Lectro Inc BTL-55NRDS-O2-K Datasheet HTML 2Page - DB Lectro Inc BTL-55NRDS-O2-K Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MEGA BRIGHT LED
BTL-55NRDS-XX-X
Absolute Maximum Ratings at Ta=25℃
Symbol
Parameter
Max.
Unit
PD
Power Rating
100
mW
VR
Reverse Voltage (IR=10µA)
5
V
IF
Continuous Forward Current
30
mA
IFP
Peak Forward Current (0.1 duty cycle @ 1kHz)
100
mA
Topr
Operating Temperature Range
–35 ~ + 80
℃
Tstg
Storage Temperature Range
–40 ~ + 100
℃
Lead Soldering Temperature [1.6mm (0.063inch) from body]
260℃ - max 5 seconds
Wavelength and Brightness Selection
BTL-55NRDS-XX-X
Page 2 of 3
Wavelength Bin Selection
Brightness Bin Selection
Bin
Normal Red
(nm)
O1
620~625
O2
625~630
O3
630~635
XX
620~635
Bin
Range(mcd)
J
310~400
K
400~520
Packaging Options
Standard: 1000 pc bulk pack
Optional: Tape and Reel (Please specify when order)
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com